Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1630490000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1630490000
Description  SL 5.00/3/135B3.2SN OR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1630490000 Datasheet(HTML) 2 Page - Weidmuller

  1630490000 Datasheet HTML 1Page - Weidmuller 1630490000 Datasheet HTML 2Page - Weidmuller 1630490000 Datasheet HTML 3Page - Weidmuller 1630490000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Plug
connectors, solder connection, pitch 5.00/5.08 | SL 5.00-5.08/135 | SL 5.00/135B
- 2 -
System parameters
Electric shock protection to DIN VDE 0470
Finger-safe plugged/ back-of-hand-safe
unplugged
Material data
Insulating material
PBT
Colour
orange
colour chart
Similar to RAL 2000
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
CuSn
Contact surface
tinned
Constant operating temp., min.
-25 °C
Constant operating temp., max.
100 °C
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Max. relative humidity during storage
80 %
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
17 A
Rated current, max. No. pins (Tu=20°C)
13 A
Rated current, min. No. pins(Tu=40°C)
15 A
Rated current, max. No. pins (Tu=40°C)
11 A
Rated voltage for overvoltage class/pollution
severity III/3
250 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
4 kV
Rated voltage for overvoltage class/pollution
severity III/2
320 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
4 kV
Rated voltage for overvoltage class/pollution
severity II/2
400 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
4 kV
Short-time withstand current resistance
3 x 1s with 120 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A


Similar Part No. - 1630490000

ManufacturerPart #DatasheetDescription
logo
Heyco.
16304 HEYCO-16304 Datasheet
150Kb / 2P
   Hook and Loop – Ties
logo
Weidmuller
1630480000 WEIDMULLER-1630480000 Datasheet
86Kb / 4P
   SL 5.00/2/135B3.2SN OR
logo
Turck, Inc.
1630481 TURCK-1630481 Datasheet
380Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 1630490000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1630480000 WEIDMULLER-1630480000 Datasheet
86Kb / 4P
   SL 5.00/2/135B3.2SN OR
1630500000 WEIDMULLER-1630500000 Datasheet
87Kb / 4P
   SL 5.00/4/135B3.2SN OR
1580870000 WEIDMULLER-1580870000 Datasheet
90Kb / 4P
   SL 5.00/3/90B3.2SN OR
1581790000 WEIDMULLER-1581790000 Datasheet
92Kb / 4P
   SL 5.00/3/180B3.2SN OR
1581330000 WEIDMULLER-1581330000 Datasheet
93Kb / 4P
   SL 5.00/3/180 3.2SN OR
1571140000 WEIDMULLER-1571140000 Datasheet
91Kb / 4P
   SL 5.00/3/90 3.2SN OR
1630260000 WEIDMULLER-1630260000 Datasheet
87Kb / 4P
   SL 5.00/3/135 3.2SN OR
1580860000 WEIDMULLER-1580860000 Datasheet
90Kb / 4P
   SL 5.00/2/90B3.2SN OR
1581780000 WEIDMULLER-1581780000 Datasheet
92Kb / 4P
   SL 5.00/2/180B3.2SN OR
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
   SL 5.00/2/180 3.2SN OR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com