Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1628360000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1628360000
Description  SL 7.50/2/90 3.2SN OR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1628360000 Datasheet(HTML) 2 Page - Weidmuller

  1628360000 Datasheet HTML 1Page - Weidmuller 1628360000 Datasheet HTML 2Page - Weidmuller 1628360000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug
connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.50/90
- 2 -
System parameters
Electric shock protection to DIN VDE 0470
Safe from finger touch, plugged
Material data
Insulating material
PBT
Colour
orange
colour chart
Similar to RAL 2000
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
CuSn
Contact surface
tinned
Constant operating temp., min.
-25 °C
Constant operating temp., max.
100 °C
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Max. relative humidity during storage
80 %
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
18.5 A
Rated current, max. No. pins (Tu=20°C)
17 A
Rated current, min. No. pins(Tu=40°C)
16 A
Rated current, max. No. pins (Tu=40°C)
14.5 A
Rated voltage for overvoltage class/pollution
severity III/3
500 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
6 kV
Rated voltage for overvoltage class/pollution
severity III/2
630 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
6 kV
Rated voltage for overvoltage class/pollution
severity II/2
800 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
6 kV
Short-time withstand current resistance
3 x 1s with 120 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A


Similar Part No. - 1628360000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16283 ETC2-16283 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
logo
Festo Corporation.
162834 FESTO-162834 Datasheet
84Kb / 1P
   Precision pressure regulator
3/23/22
logo
PHOENIX CONTACT
1628379 PHOENIX-1628379 Datasheet
338Kb / 8P
   AC charging cable - EV-T1G2C-1AC32A-25FT10ASBK11
1628393 PHOENIX-1628393 Datasheet
77Kb / 5P
   AC charging controller - EV-CC-AC1-M3-CBC-SER-PCB-XC
1628394 PHOENIX-1628394 Datasheet
72Kb / 4P
   AC charging controller - EV-CC-AC1-M3-CC-SER-PCB-XC
More results

Similar Description - 1628360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1629020000 WEIDMULLER-1629020000 Datasheet
92Kb / 3P
   SL 7.50/2/180 3.2SN OR
1597210000 WEIDMULLER-1597210000 Datasheet
92Kb / 4P
   SL 3.5/2/90 3.2SN OR
1624150000 WEIDMULLER-1624150000 Datasheet
91Kb / 3P
   SL 7.62/2/90 3.2SN OR
1629130000 WEIDMULLER-1629130000 Datasheet
92Kb / 3P
   SL 7.50/2/180B3.2SN OR
1628470000 WEIDMULLER-1628470000 Datasheet
92Kb / 3P
   SL 7.50/2/90B3.2SN OR
1571140000 WEIDMULLER-1571140000 Datasheet
91Kb / 4P
   SL 5.00/3/90 3.2SN OR
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
   SL 5.00/2/180 3.2SN OR
1625030000 WEIDMULLER-1625030000 Datasheet
93Kb / 3P
   SL 7.62/2/180 3.2SN OR
1630250000 WEIDMULLER-1630250000 Datasheet
87Kb / 4P
   SL 5.00/2/135 3.2SN OR
1604770000 WEIDMULLER-1604770000 Datasheet
101Kb / 4P
   SL 3.5/2/180 3.2SN OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com