Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1615800000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1615800000
Description  BL 3.5/4F SN SW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1615800000 Datasheet(HTML) 3 Page - Weidmuller

  1615800000 Datasheet HTML 1Page - Weidmuller 1615800000 Datasheet HTML 2Page - Weidmuller 1615800000 Datasheet HTML 3Page - Weidmuller 1615800000 Datasheet HTML 4Page - Weidmuller 1615800000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Socket connectors,
screw clamp connection, pitch 3.5 | BLZ 3.5 | BL 3.5/180F
- 3 -
Approvals
Approvals institutes
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1606640000
BL 3.5/2F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 2, 180°, Box
1615780000
BL 3.5/2F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 2, 180°, Box
1606650000
BL 3.5/3F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 3, 180°, Box
1615790000
BL 3.5/3F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 3, 180°, Box
1606660000
BL 3.5/4F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 4, 180°, Box
1606670000
BL 3.5/5F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 5, 180°, Box
1615810000
BL 3.5/5F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 5, 180°, Box
1606680000
BL 3.5/6F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 6, 180°, Box
1615820000
BL 3.5/6F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 6, 180°, Box
1606690000
BL 3.5/7F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 7, 180°, Box
1615830000
BL 3.5/7F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.50 mm, No. of
poles: 7, 180°, Box


Similar Part No. - 1615800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1615820000 WEIDMULLER-1615820000 Datasheet
98Kb / 5P
   BL 3.5/6F SN SW
1615840000 WEIDMULLER-1615840000 Datasheet
98Kb / 5P
   BL 3.5/8F SN SW
1615860000 WEIDMULLER-1615860000 Datasheet
98Kb / 5P
   BL 3.5/10F SN SW
More results

Similar Description - 1615800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1615820000 WEIDMULLER-1615820000 Datasheet
98Kb / 5P
   BL 3.5/6F SN SW
1615840000 WEIDMULLER-1615840000 Datasheet
98Kb / 5P
   BL 3.5/8F SN SW
1615730000 WEIDMULLER-1615730000 Datasheet
96Kb / 5P
   BL 3.5/12 SN SW
1610180000 WEIDMULLER-1610180000 Datasheet
96Kb / 5P
   BL 3.5/6 SN SW
1610200000 WEIDMULLER-1610200000 Datasheet
96Kb / 5P
   BL 3.5/10 SN SW
1615790000 WEIDMULLER-1615790000 Datasheet
98Kb / 5P
   BL 3.5/3F SN SW
1615680000 WEIDMULLER-1615680000 Datasheet
96Kb / 5P
   BL 3.5/3 SN SW
1615770000 WEIDMULLER-1615770000 Datasheet
96Kb / 5P
   BL 3.5/16 SN SW
1615780000 WEIDMULLER-1615780000 Datasheet
98Kb / 5P
   BL 3.5/2F SN SW
1615860000 WEIDMULLER-1615860000 Datasheet
98Kb / 5P
   BL 3.5/10F SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com