Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ1101-7 Datasheet(PDF) 3 Page - Power-One

Part # CQ1101-7
Description  60...132 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CQ1101-7 Datasheet(HTML) 3 Page - Power-One

  CQ1101-7 Datasheet HTML 1Page - Power-One CQ1101-7 Datasheet HTML 2Page - Power-One CQ1101-7 Datasheet HTML 3Page - Power-One CQ1101-7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Class of equipment
class I
Protection degree
IP 20/30
Electric strength test voltage
I/case, O/case, Out OK/case
1.5 kV AC
I/O, Out OK/I, Out OK/O
3 kV AC
O/O
300 V DC
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion B
Electromagnetic field
IEC/EN 61000-4-3, level 3 (10 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, output/input, level 3/4 (2/4 kV)
criterion B
Surge
IEC/EN 61000-4-5, input, level 2/3 (1/2 kV)
criterion B
Conducted disturbances
IEC/EN 61000-4-6, level 2/3 (3/10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022, 24/48/BQ/CQ/GQ, conducted
class B
Environmental –2 units
Operating ambient temperature
Ui nom, Io nom, convection cooled
–10...50
°C
Operating case temperature
TC
Ui nom, Io nom
–10...80
°C
Storage temperature
non operational
–25...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
21 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.15 mm/2 gn
Shock
IEC/EN 60068-2-27, 6 ms
15 gn
Bump
IEC/EN 60068-2-29, 6 ms
10 gn
MTBF
MIL-HDBK-217F, GB, 40
°C, 24/48Q1000
588'000 h
Environmental –7 units
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Ui nom, Io max, convection cooled
–25...50
°C
Operating case temperature
TC
Ui nom, Io nom
–25...95
°C
Ui nom, Io max
–25...85
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 11 ms
50 gn
Bump
IEC/EN 60068-2-29, 11 ms
25 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217F, notice 2, GB, 40
°C, BQ 2000
853'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating, for -7 units
-9
Output voltage adjustment
±10% U
o nom, excludes feature R and vice versa
P
Accessories
Front panels for 19” rack mounting in 3U or 6U configuration (Schroff/Intermas)
Mating H15 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Additional external input or output filters
Mechanical mounting supports for chassis, DIN-rail and PCB mounting
Q Series
60...132 Watt DC-DC Converters


Similar Part No. - CQ1101-7

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
logo
Conquer Electronics Co....
CQ12LH CONQUER-CQ12LH Datasheet
295Kb / 1P
   3.1 x 1.6 x 0.9 mm (1206)
CQ12LH001 CONQUER-CQ12LH001 Datasheet
295Kb / 1P
   3.1 x 1.6 x 0.9 mm (1206)
CQ12LH002 CONQUER-CQ12LH002 Datasheet
295Kb / 1P
   3.1 x 1.6 x 0.9 mm (1206)
CQ12LH003 CONQUER-CQ12LH003 Datasheet
295Kb / 1P
   3.1 x 1.6 x 0.9 mm (1206)
More results

Similar Description - CQ1101-7

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
   60 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
CRW60 WALL-CRW60 Datasheet
125Kb / 5P
   60 Watt DC/DC Power Converters
CR60 WALL-CR60 Datasheet
532Kb / 5P
   60 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
CHB200W RSG-CHB200W Datasheet
205Kb / 1P
   132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Power-One
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60_16 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com