Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5515_101 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C5515_101
Description  TMS320C5515 Fixed-Point Digital Signal Processor
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5515_101 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C5515_101 Datasheet HTML 1Page - Texas Instruments TMS320C5515_101 Datasheet HTML 2Page - Texas Instruments TMS320C5515_101 Datasheet HTML 3Page - Texas Instruments TMS320C5515_101 Datasheet HTML 4Page - Texas Instruments TMS320C5515_101 Datasheet HTML 5Page - Texas Instruments TMS320C5515_101 Datasheet HTML 6Page - Texas Instruments TMS320C5515_101 Datasheet HTML 7Page - Texas Instruments TMS320C5515_101 Datasheet HTML 8Page - Texas Instruments TMS320C5515_101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
TMS320C5515
SPRS645A – JANUARY 2010 – REVISED MARCH 2010
www.ti.com
• Device USB Port With Integrated 2.0
• IEEE-1149.1 (JTAG™)
High-Speed PHY that Supports:
Boundary-Scan-Compatible
– USB 2.0 Full- and High-Speed Device
• Up to 26 General-Purpose I/O (GPIO) Pins
(Multiplexed With Other Device Functions)
• LCD Bridge With Asynchronous Interface
• 196-Terminal Pb-Free Plastic BGA (Ball Grid
• Tightly-Coupled FFT Hardware Accelerator
Array) (ZCH Suffix)
• 10-Bit 4-Input Successive Approximation (SAR)
• 1.05-V Core (60 or 75 MHz), 1.8-V, 2.5-V, 2.75-V,
ADC
or 3.3-V I/Os
• Real-Time Clock (RTC) With Crystal Input, With
• 1.3-V Core (100, 120 MHz), 1.8-V, 2.5-V, 2.75-V,
Separate Clock Domain, Separate Power
or 3.3-V I/Os
Supply
• Applications:
• Four Core Isolated Power Supply Domains:
Analog, RTC, CPU and Peripherals, and USB
– Wireless Audio Devices (e.g., Headsets,
Microphones, Speakerphones, etc.)
• Four I/O Isolated Power Supply Domains: RTC
I/O, EMIF I/O, USB PHY, and DVDDIO
– Echo Cancellation Headphones
• Three integrated LDOs (DSP_LDO, ANA_LDO,
– Portable Medical Devices
and USB_LDO) to power the isolated domains:
– Voice Applications
DSP Core, Analog, and USB Core, respectively
– Industrial Controls
• Low-Power S/W Programmable Phase-Locked
– Fingerprint Biometrics
Loop (PLL) Clock Generator
– Software Defined Radio
• On-Chip ROM Bootloader (RBL) to Boot From
• Community Resources
NAND Flash, NOR Flash, SPI EEPROM, SPI
– TI E2E Community
Serial Flash or I2C EEPROM
– TI Embedded Processors Wiki
2
Fixed-Point Digital Signal Processor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C5515


Similar Part No. - TMS320C5515_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5515AZCH10 TI-TMS320C5515AZCH10 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C5515AZCH12 TI-TMS320C5515AZCH12 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C5515AZCHA10 TI-TMS320C5515AZCHA10 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5515_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C55 TI-TMS320C55_15 Datasheet
869Kb / 159P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C5515 TI-TMS320C5515 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C5515 Fixed-Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com