Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1552710000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1552710000
Description  BLZ 5.08/2/90 SN SW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1552710000 Datasheet(HTML) 4 Page - Weidmuller

  1552710000 Datasheet HTML 1Page - Weidmuller 1552710000 Datasheet HTML 2Page - Weidmuller 1552710000 Datasheet HTML 3Page - Weidmuller 1552710000 Datasheet HTML 4Page - Weidmuller 1552710000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00-5.08/90/270 | BLZ 5.08/90
- 4 -
1553360000
BLZ 5.08/8/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 90°, Box
1553310000
BLZ 5.08/8/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 90°, Box
1553460000
BLZ 5.08/9/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 90°, Box
1553410000
BLZ 5.08/9/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 90°, Box
1553560000
BLZ 5.08/10/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 90°, Box
1553510000
BLZ 5.08/10/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 90°, Box
1553660000
BLZ 5.08/11/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 90°, Box
1553610000
BLZ 5.08/11/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 90°, Box
1553760000
BLZ 5.08/12/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 90°, Box
1553710000
BLZ 5.08/12/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 90°, Box
1553860000
BLZ 5.08/13/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 90°, Box
1553810000
BLZ 5.08/13/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 90°, Box
1553960000
BLZ 5.08/14/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 90°, Box
1553910000
BLZ 5.08/14/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 90°, Box
1554060000
BLZ 5.08/15/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 90°, Box
1554010000
BLZ 5.08/15/90 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 90°, Box
1554160000
BLZ 5.08/16/90 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 16, 90°, Box


Similar Part No. - 1552710000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1552760000 WEIDMULLER-1552760000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN OR
More results

Similar Description - 1552710000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1553510000 WEIDMULLER-1553510000 Datasheet
92Kb / 5P
   BLZ 5.08/10/90 SN SW
1552910000 WEIDMULLER-1552910000 Datasheet
92Kb / 5P
   BLZ 5.08/4/90 SN SW
1553310000 WEIDMULLER-1553310000 Datasheet
92Kb / 5P
   BLZ 5.08/8/90 SN SW
1553710000 WEIDMULLER-1553710000 Datasheet
92Kb / 5P
   BLZ 5.08/12/90 SN SW
1554110000 WEIDMULLER-1554110000 Datasheet
92Kb / 5P
   BLZ 5.08/16/90 SN SW
1552810000 WEIDMULLER-1552810000 Datasheet
92Kb / 5P
   BLZ 5.08/3/90 SN SW
1741870000 WEIDMULLER-1741870000 Datasheet
93Kb / 5P
   BLZ 5.08/2/225 SN SW
1557310000 WEIDMULLER-1557310000 Datasheet
95Kb / 5P
   BLZ 5.08/2/270 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com