Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1527410000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1527410000
Description  BLZ 5.08/12 SN SW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1527410000 Datasheet(HTML) 4 Page - Weidmuller

  1527410000 Datasheet HTML 1Page - Weidmuller 1527410000 Datasheet HTML 2Page - Weidmuller 1527410000 Datasheet HTML 3Page - Weidmuller 1527410000 Datasheet HTML 4Page - Weidmuller 1527410000 Datasheet HTML 5Page - Weidmuller 1527410000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00/5.08/180 | BLZ 5.08/180
- 4 -
1526710000
BLZ 5.08/5 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 5, 180°, Box
1526410000
BLZ 5.08/2 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 2, 180°, Box
1526860000
BLZ 5.08/6 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 6, 180°, Box
1526810000
BLZ 5.08/6 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 6, 180°, Box
1526960000
BLZ 5.08/7 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 7, 180°, Box
1526910000
BLZ 5.08/7 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 7, 180°, Box
1527060000
BLZ 5.08/8 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 180°, Box
1527010000
BLZ 5.08/8 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 180°, Box
1527160000
BLZ 5.08/9 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 180°, Box
1527110000
BLZ 5.08/9 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 180°, Box
1527260000
BLZ 5.08/10 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 180°, Box
1527210000
BLZ 5.08/10 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 180°, Box
1527360000
BLZ 5.08/11 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 180°, Box
1527310000
BLZ 5.08/11 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 180°, Box
1527460000
BLZ 5.08/12 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 180°, Box
1527560000
BLZ 5.08/13 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 180°, Box
1527510000
BLZ 5.08/13 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 180°, Box


Similar Part No. - 1527410000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1527-1 ETC2-1527-1 Datasheet
439Kb / 1P
   TURRET TERMINALS
1527-2 ETC2-1527-2 Datasheet
439Kb / 1P
   TURRET TERMINALS
1527-3 ETC2-1527-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
1527-4 ETC2-1527-4 Datasheet
439Kb / 1P
   TURRET TERMINALS
logo
Weidmuller
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
More results

Similar Description - 1527410000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1553710000 WEIDMULLER-1553710000 Datasheet
92Kb / 5P
   BLZ 5.08/12/90 SN SW
1558310000 WEIDMULLER-1558310000 Datasheet
95Kb / 5P
   BLZ 5.08/12/270 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
1526810000 WEIDMULLER-1526810000 Datasheet
98Kb / 6P
   BLZ 5.08/6 SN SW
1526610000 WEIDMULLER-1526610000 Datasheet
98Kb / 6P
   BLZ 5.08/4 SN SW
1527810000 WEIDMULLER-1527810000 Datasheet
97Kb / 6P
   BLZ 5.08/16 SN SW
1741870000 WEIDMULLER-1741870000 Datasheet
93Kb / 5P
   BLZ 5.08/2/225 SN SW
1552710000 WEIDMULLER-1552710000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN SW
1553510000 WEIDMULLER-1553510000 Datasheet
92Kb / 5P
   BLZ 5.08/10/90 SN SW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com