Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1501710000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1501710000
Description  BLT 5.08/24 SN SW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1501710000 Datasheet(HTML) 5 Page - Weidmuller

  1501710000 Datasheet HTML 1Page - Weidmuller 1501710000 Datasheet HTML 2Page - Weidmuller 1501710000 Datasheet HTML 3Page - Weidmuller 1501710000 Datasheet HTML 4Page - Weidmuller 1501710000 Datasheet HTML 5Page - Weidmuller 1501710000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, TOP connection, pitch 5.00/5.08 | BLT 5.08 | BLT 5.08
- 5 -
1500710000
BLT 5.08/14 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 14,
180°, Box
1500860000
BLT 5.08/15 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 15,
180°, Box
1500810000
BLT 5.08/15 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 15,
180°, Box
1500960000
BLT 5.08/16 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 16,
180°, Box
1500910000
BLT 5.08/16 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 16,
180°, Box
1501060000
BLT 5.08/17 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 17,
180°, Box
1501010000
BLT 5.08/17 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 17,
180°, Box
1501160000
BLT 5.08/18 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 18,
180°, Box
1501110000
BLT 5.08/18 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 18,
180°, Box
1501260000
BLT 5.08/19 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 19,
180°, Box
1501210000
BLT 5.08/19 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 19,
180°, Box
1501360000
BLT 5.08/20 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 20,
180°, Box
1501310000
BLT 5.08/20 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 20,
180°, Box
1501460000
BLT 5.08/21 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 21,
180°, Box
1501410000
BLT 5.08/21 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 21,
180°, Box
1501560000
BLT 5.08/22 SN OR
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 22,
180°, Box
1501510000
BLT 5.08/22 SN SW
PCB plug-in connector, Female connectors, TOP connection,
Clamping range, max.: 2.5 mm², Pitch: 5.08 mm, No. of poles: 22,
180°, Box


Similar Part No. - 1501710000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
15017 VICOR-15017 Datasheet
47Kb / 1P
   ASSEMBLY DRAWING CM CHOKE W/TAPE
15017-01 VICOR-15017-01 Datasheet
47Kb / 1P
   ASSEMBLY DRAWING CM CHOKE W/TAPE
logo
Molex Electronics Ltd.
1501700002 MOLEX1-1501700002 Datasheet
42Kb / 1P
   Ditto Hermaphroditic Crimp Housing, Positive Lock, 2 Circuit
1501700003 MOLEX1-1501700003 Datasheet
42Kb / 1P
   Ditto Hermaphroditic Crimp Housing, Positive Lock, 3 Circuit
1501700004 MOLEX1-1501700004 Datasheet
42Kb / 1P
   Ditto Hermaphroditic Crimp Housing, Positive Lock, 4 Circuit
More results

Similar Description - 1501710000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1500110000 WEIDMULLER-1500110000 Datasheet
96Kb / 6P
   BLT 5.08/8 SN SW
1499710000 WEIDMULLER-1499710000 Datasheet
96Kb / 6P
   BLT 5.08/4 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
   BLZ 5.08/24 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
   BLZ 5.08/8 SN SW
1526610000 WEIDMULLER-1526610000 Datasheet
98Kb / 6P
   BLZ 5.08/4 SN SW
1526810000 WEIDMULLER-1526810000 Datasheet
98Kb / 6P
   BLZ 5.08/6 SN SW
1527410000 WEIDMULLER-1527410000 Datasheet
98Kb / 6P
   BLZ 5.08/12 SN SW
1527810000 WEIDMULLER-1527810000 Datasheet
97Kb / 6P
   BLZ 5.08/16 SN SW
1741870000 WEIDMULLER-1741870000 Datasheet
93Kb / 5P
   BLZ 5.08/2/225 SN SW
1552710000 WEIDMULLER-1552710000 Datasheet
92Kb / 5P
   BLZ 5.08/2/90 SN SW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com