Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1013690000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1013690000
Description  BLF 5.08/03/180 SN OR BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1013690000 Datasheet(HTML) 4 Page - Weidmuller

  1013690000 Datasheet HTML 1Page - Weidmuller 1013690000 Datasheet HTML 2Page - Weidmuller 1013690000 Datasheet HTML 3Page - Weidmuller 1013690000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/180 | BLF 5.08/180 SN
- 4 -
1013580000
BLF 5.08/16/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 16, 180°, Box
1013840000
BLF 5.08/16/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 16, 180°, Box
1013590000
BLF 5.08/17/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 17, 180°, Box
1013850000
BLF 5.08/17/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 17, 180°, Box
1013610000
BLF 5.08/18/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 18, 180°, Box
1013860000
BLF 5.08/18/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 18, 180°, Box
1013620000
BLF 5.08/19/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 19, 180°, Box
1013870000
BLF 5.08/19/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 19, 180°, Box
1013630000
BLF 5.08/20/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 20, 180°, Box
1013880000
BLF 5.08/20/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 20, 180°, Box
1013640000
BLF 5.08/21/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 21, 180°, Box
1013890000
BLF 5.08/21/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 21, 180°, Box
1013650000
BLF 5.08/22/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 22, 180°, Box
1013910000
BLF 5.08/22/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 22, 180°, Box
1013660000
BLF 5.08/23/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 23, 180°, Box
1013920000
BLF 5.08/23/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 23, 180°, Box
1013670000
BLF 5.08/24/180 SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 24, 180°, Box
1013930000
BLF 5.08/24/180 SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 24, 180°, Box


Similar Part No. - 1013690000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10136 ETC-10136 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10136 HEYCO-10136 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10136-3000-PC 3M-10136-3000-PC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10136-3000-PE 3M-10136-3000-PE Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
10136-3000-VC 3M-10136-3000-VC Datasheet
265Kb / 3P
   3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
More results

Similar Description - 1013690000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
   BLF 5.08/03/180 SN BK BX
1017870000 WEIDMULLER-1017870000 Datasheet
75Kb / 4P
   BLF 5.00/03/180 SN OR BX
1014130000 WEIDMULLER-1014130000 Datasheet
77Kb / 4P
   BLF 5.08/03/180LR SN BK BX
1982130000 WEIDMULLER-1982130000 Datasheet
73Kb / 3P
   BLF 5.08/03/270F SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
   BLF 5.08/03/180F SN BK BX
1014740000 WEIDMULLER-1014740000 Datasheet
64Kb / 4P
   BLF 5.08/03/180LH SN BK BX
1000040001 WEIDMULLER-1000040001 Datasheet
74Kb / 3P
   BLF 5.08/03/90 SN BK BX
1017680000 WEIDMULLER-1017680000 Datasheet
75Kb / 4P
   BLF 5.00/03/180 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
   BLF 5.08/04/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
   BLF 5.08/16/180 SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com