Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A21366RSER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A21366RSER
Description  0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A21366RSER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A21366RSER Datasheet HTML 7Page - Texas Instruments TS5A21366RSER Datasheet HTML 8Page - Texas Instruments TS5A21366RSER Datasheet HTML 9Page - Texas Instruments TS5A21366RSER Datasheet HTML 10Page - Texas Instruments TS5A21366RSER Datasheet HTML 11Page - Texas Instruments TS5A21366RSER Datasheet HTML 12Page - Texas Instruments TS5A21366RSER Datasheet HTML 13Page - Texas Instruments TS5A21366RSER Datasheet HTML 14Page - Texas Instruments TS5A21366RSER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TS5A21366
www.ti.com................................................................................................................................................. SCDS285A – MARCH 2009 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
1.8 V
198
297
448
VCOM = V+,
CL= 35 pF,
1.65 V
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 19
Full
to
136
620
1.95 V
25°C
1.8 V
225
308
430
VCOM = V+,
CL = 35 pF,
1.65 V
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 19
Full
to
204
514
1.95 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
1.8 V
1.4
pC
RGEN = 0,
See Figure 23
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 18
25°C
1.8 V
19
pF
OFF capacitance
Switch OFF,
COM
VNO = V+ or GND,
CCOM(OFF)
See Figure 18
25°C
1.8 V
17
pF
OFF capacitance
Switch OFF,
NO
CNC(ON),
VNO = V+ or GND,
See Figure 18
25°C
1.8 V
27.5
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
1.8 V
27.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 18
25°C
1.8 V
2.5
pF
capacitance
f = 10 kHz,
Power supply
CL = 15 pF,
PSRR
VCOM = 1 Vrms,
25°C
1.8 V
–78
dB
rejection ratio
See Figure 25
RL = 50 Ω,
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
1.8 V
260
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
1.8 V
–59
dB
f = 1 MHz,
See Figure 21
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
1.8 V
–101
dB
f = 1 MHz,
See Figure 22
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
1.8 V
0.001
%
distortion
CL = 15 pF,
See Figure 24
Supply
25°C
3.6
9
Positive supply
Switch ON or
I+
VI = 1.95 V or GND
1.95 V
µA
current
OFF
Full
10
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A21366


Similar Part No. - TS5A21366RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366RSER TI-TS5A21366RSER Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366RSER TI1-TS5A21366RSER Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A21366RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com