Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3111IRHBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3111IRHBR
Description  Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3111IRHBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3111IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 9Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 10Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 11Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 12Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 13Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 14Page - Texas Instruments TLV320AIC3111IRHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
T0145-09
WCLK
BCLK
DOUT
DIN
t (WS)
h
t (BCLK)
H
t (DO-BCLK)
d
t (DO-WS)
d
t (DI)
S
t (BCLK)
L
t (DI)
h
t (WS)
S
t
r
t
f
TLV320AIC3111
www.ti.com
SLAS644B – JULY 2009 – REVISED OCTOBER 2009
3.5.2
I
2S/LJF/RJF Timing in Slave Mode
All specifications at 25°C, DVDD = 1.8 V
Note: All timing specifications are measured at characterization but not tested at final test.
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
WCLK setup
8
6
ns
th(WS)
WCLK hold
8
6
ns
td(DO-WS)
WCLK to DOUT delay (for LJF mode only)
45
20
ns
td(DO-BCLK)
BCLK to DOUT delay
45
20
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
Figure 3-2. I2S/LJF/RJF Timing in Slave Mode
Copyright © 2009, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
11
Submit Documentation Feedback
Product Folder Link(s): TLV320AIC3111


Similar Part No. - TLV320AIC3111IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111IRHBR TI-TLV320AIC3111IRHBR Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3111IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com