Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3111 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3111
Description  Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3111 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3111 Datasheet HTML 4Page - Texas Instruments TLV320AIC3111 Datasheet HTML 5Page - Texas Instruments TLV320AIC3111 Datasheet HTML 6Page - Texas Instruments TLV320AIC3111 Datasheet HTML 7Page - Texas Instruments TLV320AIC3111 Datasheet HTML 8Page - Texas Instruments TLV320AIC3111 Datasheet HTML 9Page - Texas Instruments TLV320AIC3111 Datasheet HTML 10Page - Texas Instruments TLV320AIC3111 Datasheet HTML 11Page - Texas Instruments TLV320AIC3111 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
TLV320AIC3111
SLAS644B – JULY 2009 – REVISED OCTOBER 2009
www.ti.com
Electrical Characteristics (continued)
At 25°C; AVDD, HPVDD, IOVDD = 3.3V; SPLVDD, SPRVDD = 3.6 V; DVDD = 1.8 V; fS (audio) = 48 kHz;
CODEC_CLKIN = 256 × fS; PLL = Off; VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Digital Interpolation Filter Characteristics
See Section 5.6.1.4 for DAC interpolation filter characteristics.
DAC Output to Class-D Speaker Output; Load = 8
Ω (Differential), 50 pF
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
input = 0 dBFS, DAC VCM (page 1 / register 31, bits
2.2
D4–D3) = 1.65 V, class-D gain = 6 dB,
THD
≤ –16.5 dB
Output voltage
Vrms
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
input = –2 dBFS, DAC VCM (page 1 / register 31, bits
2.1
D4–D3) = 1.65 V, class-D gain = 6 dB, THD
≤ –20 dB
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
Output, common-mode
input = mute, DAC VCM (page 1 / register 31, bits D4–D3)
1.8
V
= 1.65 V, class-D gain = 6 dB
SPLVDD = SPRVDD = 3.6 V, BTL measurement, class-D
SNR
Signal-to-noise ratio
gain = 6 dB, measured as idle-channel noise, A-weighted
87
dB
(with respect to full-scale output value of 2.2 Vrms)(1) (2)
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
THD
Total harmonic distortion
input = –6 dBFS, DAC VCM (page 1 / register 31, bits
–67
dB
D4–D3) = 1.65 V, class-D gain = 6 dB
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
Total harmonic distortion +
THD+N
input = –6 dBFS, DAC VCM (page 1 / register 31, bits
–66
dB
noise
D4–D3) = 1.65 V, class-D gain = 6 dB
SPLVDD = SPRVDD = 3.6 V, BTL measurement, ripple on
PSRR
Power-supply rejection ratio(3)
–44
dB
SPLVDD/SPRVDD = 200 mVp-p at 1 kHz
Mute attenuation
110
dB
SPLVDD = SPRVDD = 3.6 V, BTL measurement, DAC
VCM (page 1 / register 31, bits D4–D3) = 1.65 V, class-D
540
gain = 18 dB, THD = 10%
mW
SPLVDD = SPRVDD = 4.3 V, BTL measurement, DAC
PO
Maximum output power
VCM (page 1 / register 31, bits D4–D3) = 1.65 V, class-D
790
gain = 18 dB, THD = 10%
SPLVDD = SPRVDD = 5.5 V, BTL measurement, DAC
VCM (page 1 / register 31, bits D4–D3) = 1.65 V, class-D
1.29
W
gain = 18 dB, THD = 10%
Output-stage leakage current
SPLVDD = SPRVDD = 4.3 V, device is powered down
80
nA
for direct battery connection
(power-up-reset condition)
ADC and DAC POWER CONSUMPTION
For ADC and DAC power consumption based on selected processing block, see Section 5.4.
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
DAC to speaker-out PSRR is a differential measurement calculated as PSRR = 20 × log(
ΔVSPL(P + M) / ΔVSPLVDD).
8
ELECTRICAL SPECIFICATIONS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320AIC3111


Similar Part No. - TLV320AIC3111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111IRHBR TI-TLV320AIC3111IRHBR Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111IRHBT TI-TLV320AIC3111IRHBT Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com