Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1012710000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1012710000
Description  BLF 5.08/08/180F SN BK BX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1012710000 Datasheet(HTML) 3 Page - Weidmuller

  1012710000 Datasheet HTML 1Page - Weidmuller 1012710000 Datasheet HTML 2Page - Weidmuller 1012710000 Datasheet HTML 3Page - Weidmuller 1012710000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/180 | BLF 5.08/180F SN
- 3 -
1013070000
BLF 5.08/02/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 2, 180°, Box
1012650000
BLF 5.08/03/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 3, 180°, Box
1013090000
BLF 5.08/03/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 3, 180°, Box
1012660000
BLF 5.08/04/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 4, 180°, Box
1013110000
BLF 5.08/04/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 4, 180°, Box
1012670000
BLF 5.08/05/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 5, 180°, Box
1013120000
BLF 5.08/05/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 5, 180°, Box
1012680000
BLF 5.08/06/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 6, 180°, Box
1013130000
BLF 5.08/06/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 6, 180°, Box
1012690000
BLF 5.08/07/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 7, 180°, Box
1013140000
BLF 5.08/07/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 7, 180°, Box
1013150000
BLF 5.08/08/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 8, 180°, Box
1012720000
BLF 5.08/09/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 9, 180°, Box
1013160000
BLF 5.08/09/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 9, 180°, Box
1012730000
BLF 5.08/10/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 10, 180°, Box
1013170000
BLF 5.08/10/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 10, 180°, Box
1012740000
BLF 5.08/11/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 11, 180°, Box
1013180000
BLF 5.08/11/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 11, 180°, Box
1012750000
BLF 5.08/12/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 12, 180°, Box
1013190000
BLF 5.08/12/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 12, 180°, Box
1012940000
BLF 5.08/13/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 13, 180°, Box
1013210000
BLF 5.08/13/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 13, 180°, Box
1012950000
BLF 5.08/14/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 14, 180°, Box
1013220000
BLF 5.08/14/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 14, 180°, Box
1012960000
BLF 5.08/15/180F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 15, 180°, Box
1013230000
BLF 5.08/15/180F SN OR BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 15, 180°, Box


Similar Part No. - 1012710000

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
10127112 AMPHENOLCS-10127112 Datasheet
1Mb / 2P
   TYPE A RECEPTACLE ASSEMBLY MILLIPACS HS
Rev D
logo
SICK AG
1012719 SICK-1012719 Datasheet
507Kb / 6P
   COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
More results

Similar Description - 1012710000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1012640000 WEIDMULLER-1012640000 Datasheet
74Kb / 4P
   BLF 5.08/02/180F SN BK BX
1012730000 WEIDMULLER-1012730000 Datasheet
74Kb / 4P
   BLF 5.08/10/180F SN BK BX
1012750000 WEIDMULLER-1012750000 Datasheet
74Kb / 4P
   BLF 5.08/12/180F SN BK BX
1012680000 WEIDMULLER-1012680000 Datasheet
74Kb / 4P
   BLF 5.08/06/180F SN BK BX
1012660000 WEIDMULLER-1012660000 Datasheet
74Kb / 4P
   BLF 5.08/04/180F SN BK BX
1012970000 WEIDMULLER-1012970000 Datasheet
74Kb / 4P
   BLF 5.08/16/180F SN BK BX
1012650000 WEIDMULLER-1012650000 Datasheet
74Kb / 4P
   BLF 5.08/03/180F SN BK BX
1014790000 WEIDMULLER-1014790000 Datasheet
64Kb / 4P
   BLF 5.08/08/180LH SN BK BX
1000280001 WEIDMULLER-1000280001 Datasheet
77Kb / 3P
   BLF 5.08/08/90F SN BK BX
1000470001 WEIDMULLER-1000470001 Datasheet
79Kb / 3P
   BLF 5.08/08/90LR SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com