Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1000320001 Datasheet(PDF) 2 Page - Weidmuller

Part # 1000320001
Description  BLF 5.08/12/90F SN BK BX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1000320001 Datasheet(HTML) 2 Page - Weidmuller

  1000320001 Datasheet HTML 1Page - Weidmuller 1000320001 Datasheet HTML 2Page - Weidmuller 1000320001 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90F SN
- 2 -
Connectable conductors
Clamping range, min.
0.13 mm²
Clamping range, max.
3.31 mm²
Conductor connection cross-section AWG, min.
AWG 26
Conductor connection cross-section AWG, max.
AWG 12
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
2.5 mm²
Stranded, max. H07V-R
2 mm²
Stranded, min. H07V-R
0 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
2.5 mm²
w. wire end ferrule, DIN 46228 pt 1, min
0.2 mm²
with wire end ferrule, DIN 46228 pt 1, max.
2.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.2 mm²
with plastic collar ferrule, DIN 46228 pt 4, max.
2.5 mm²
Gauge to EN 60999 a x b; ø
2.4 mm x 1.5 mm
DIN IEC rating data
Rated current, min. No. of poles (Tu=20°C)
18.5 A
Rated current, max. No. of poles (Tu=20°C)
6 A
Rated current, no. of poles (Tu=40°C), min.
12.5 A
Rated current, no. of poles (Tu=40°C), max.
6 A
Rated voltage for overvoltage class/pollution
severity II/2
400 V
Rated voltage for overvoltage class/pollution
severity III/2
320 V
Rated voltage at overvoltage category/pollution
degree III/3
250 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
4 kV
Short-time withstand current resistance
3 x 1s with 120 A
Approvals
Approvals institutes
CSA; CURUS; ROHS
Classifications
eClass 6.0
27-26-07-08
Notes
Notes
Similar products
Order No.
Part designation
Version
1000220001
BLF 5.08/02/90F SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5.08 mm, No. of poles: 2, 90°, Box


Similar Part No. - 1000320001

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100032162 TURCK-100032162 Datasheet
201Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
100032302 TURCK-100032302 Datasheet
1Mb / 4P
   Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - 1000320001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000240001 WEIDMULLER-1000240001 Datasheet
77Kb / 3P
   BLF 5.08/04/90F SN BK BX
1000280001 WEIDMULLER-1000280001 Datasheet
77Kb / 3P
   BLF 5.08/08/90F SN BK BX
1000360001 WEIDMULLER-1000360001 Datasheet
77Kb / 3P
   BLF 5.08/16/90F SN BK BX
1000260001 WEIDMULLER-1000260001 Datasheet
77Kb / 3P
   BLF 5.08/06/90F SN BK BX
1000300001 WEIDMULLER-1000300001 Datasheet
77Kb / 3P
   BLF 5.08/10/90F SN BK BX
1979560000 WEIDMULLER-1979560000 Datasheet
78Kb / 3P
   BLF 5.00/12/90F SN BK BX
1982030000 WEIDMULLER-1982030000 Datasheet
72Kb / 3P
   BLF 5.08/12/270 SN BK BX
1000740001 WEIDMULLER-1000740001 Datasheet
78Kb / 3P
   BLF 5.08/12/90LH SN BK BX
1014840000 WEIDMULLER-1014840000 Datasheet
64Kb / 4P
   BLF 5.08/12/180LH SN BK BX
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
   BLF 5.08/12/180 SN BK BX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com