Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3070IUFDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3070IUFDPBF
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070IUFDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3070IUFDPBF Datasheet HTML 2Page - Linear Technology LT3070IUFDPBF Datasheet HTML 3Page - Linear Technology LT3070IUFDPBF Datasheet HTML 4Page - Linear Technology LT3070IUFDPBF Datasheet HTML 5Page - Linear Technology LT3070IUFDPBF Datasheet HTML 6Page - Linear Technology LT3070IUFDPBF Datasheet HTML 7Page - Linear Technology LT3070IUFDPBF Datasheet HTML 8Page - Linear Technology LT3070IUFDPBF Datasheet HTML 9Page - Linear Technology LT3070IUFDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3070

3070fa
typicAl perFormAnce chArActeristics
Dropout Voltage vs VBIAS
Output Voltage (0.8V)
vs Temperature
Dropout Voltage vs IOUT
Dropout Voltage vs Temperature
Dropout Voltage vs Temperature
Dropout Voltage vs Temperature
OUTPUT CURRENT (A)
0
90
120
150
4
3070 G01
60
30
0
1
2
3
5
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 2.5V
VIN = VOUT(NOMINAL)
TJ = 25°C
TEMPERATURE (°C)
0
10
20
30
5
15
25
–25
25
75
125
3070 G02
175
–50
–75
0
50
100
150
VIN = VOUT(NOMINAL)
IOUT = 1A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V
TEMPERATURE (°C)
–75
60
80
100
125
3070 G03
40
20
50
70
90
30
10
0
–25
–50
25
0
75 100
150
50
175
VIN = VOUT(NOMINAL)
IOUT = 2.5A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V
TEMPERATURE (°C)
–75
0.808
0.806
0.804
0.802
0.800
0.798
0.796
0.794
0.792
125
3070 G06
–25
25
75
175
100
–50
0
50
150
ILOAD = 10mA
BIAS VOLTAGE (V)
2.2
0
20
60
80
100
200
140
2.6
3.0
3.2
3070 G05
40
160
180
120
2.4
2.8
3.4
3.6
OUT = 1.8V
OUT = 1.5V
OUT = 0.8V
IOUT = 5A
TJ = 25°C
Output Voltage (1V)
vs Temperature
TEMPERATURE (°C)
–75
1.002
1.006
1.010
125
3070 G07
0.998
0.994
1.000
1.004
1.008
0.996
0.992
0.990
–25
–50
25
0
75 100
150
50
175
ILOAD = 10mA
Output Voltage (1.2V)
vs Temperature
TEMPERATURE (°C)
1.188
1.196
1.204
1.212
1.192
1.200
1.208
–25
25
75
125
3070 G08
175
–50
–75
0
50
100
150
ILOAD = 10mA
Output Voltage (1.5V)
vs Temperature
TEMPERATURE (°C)
1.485
1.495
1.505
1.515
1.490
1.500
1.510
–25
25
75
125
3070 G09
175
–50
–75
0
50
100
150
ILOAD = 10mA
TEMPERATURE (°C)
–75
90
120
150
125
3070 G04
60
30
0
–50 –25 0 25 50 75 100
150 175
VIN = VOUT(NOMINAL)
IOUT = 5A
VOUT = 1.8V, VBIAS = 3.3V
VOUT = 0.8V, VBIAS = 2.5V
VOUT = 1.2V, VBIAS = 3.3V


Similar Part No. - LT3070IUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070IUFDPBF LINER-LT3070IUFDPBF Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
More results

Similar Description - LT3070IUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3071 LINER-LT3071_15 Datasheet
1Mb / 30P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
LT3071 LINER-LT3071 Datasheet
518Kb / 28P
   5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com