Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28127SOICEVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28127SOICEVAL1Z
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127SOICEVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28127SOICEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28127SOICEVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISL28127, ISL28227
8
FN6633.3
March 18, 2010
FIGURE 7. IIB vs TEMPERATURE, VS = ±15V
FIGURE 8. IIB vs TEMPERATURE, VS = ±5V
FIGURE 9. IOS vs TEMPERATURE vs SUPPLY
FIGURE 10. INPUT OFFSET VOLTAGE vs INPUT
COMMON MODE VOLTAGE, VS = ±15V
FIGURE 11. VOH vs TEMPERATURE, VS = ±15V
FIGURE 12. VOL vs TEMPERATURE, VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
I
BIAS+
I
BIAS-
MEDIAN
50 UNITS
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
IBIAS+
IBIAS-
MEDIAN
50 UNITS
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
MEDIAN
vs = ±15
vs = ±5
50 UNITS
INPUT COMMON MODE VOLTAGE
-60
-40
-20
0
20
40
60
-15
-10
-5
0
5
10
15
+25°C
+125°C
-40°C
AVERAGE
29 UNITS
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
RL = 100k
RL = 2k
MEDIAN
50 UNITS
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
-14.2
-14.1
-14.0
-13.9
-13.8
-13.7
-13.6
-13.5
-13.4
-13.3
-13.2
-13.1
RL = 100k
RL = 2k
50 UNITS
MEDIAN


Similar Part No. - ISL28127SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28127SOICEVAL1Z INTERSIL-ISL28127SOICEVAL1Z Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127SOICEVAL1Z INTERSIL-ISL28127SOICEVAL1Z Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28127SOICEVAL1Z RENESAS-ISL28127SOICEVAL1Z Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28127SOICEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com