Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5353-2.6YMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5353-2.6YMT
Description  500mA LDO in 1.6mm1.6mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5353-2.6YMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5353-2.6YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 11Page - Micrel Semiconductor MIC5353-2.6YMT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
MIC5353
May 2010
8
M9999-052510
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation:
PD = (3.3V – 2.8V) × 500mA
PD = 0.25W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
PD(MAX) =
TJ(MAX) - TA
JA
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 92.4°C/W.
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
92.4°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5353-2.8YMT at
an input voltage of 3.3V and 500mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as follows:
0.25W = (125°C – TA)/(92.4°C/W)
TA=101°C
Therefore, a 2.8V application with 500mA of output
current can accept an ambient operating temperature of
101°C in a 1.6mm x 1.6mm Thin MLF
® package. For a
full discussion of heat sinking and thermal effects on
voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5353-2.6YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353-2.6YMT MICREL-MIC5353-2.6YMT Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
More results

Similar Description - MIC5353-2.6YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
logo
Dialight Corporation
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
logo
Everlight Electronics C...
PT958-8C EVERLIGHT-PT958-8C_09 Datasheet
200Kb / 7P
   1.6mm Side Looking Phototransistor
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Maxim Integrated Produc...
MAX15104 MAXIM-MAX15104 Datasheet
2Mb / 10P
   Small 2A, Low-Dropout Linear Regulator in a 2.7mm x 1.6mm Package
Rev 0; 4/12
logo
Dialight Corporation
598-8710-307F DIALIGHT-598-8710-307F Datasheet
1Mb / 2P
   Micro LED SMD LED (1.6mm X 1.6mm X 0.7mm) Tri-Color
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
   2.0 x 1.6mm Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com