Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2548A-1YM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2548A-1YM
Description  Programmable Current Limit High-Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2548A-1YM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2548A-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 9Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 10Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 11Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 12Page - Micrel Semiconductor MIC2548A-1YM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC2544A/2548A
April 2010
9
M9999-043010
Typical Characteristics (Continued)
UVLO Threshold
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
UTH
LTH
Hysteresis
Rise Time
vs. Input Voltage
0
1
2
3
4
5
6
2.53
3.54
4.5
5
5.5
INPUT VOLTAGE (V)
-40°C
25°C
85°C
Fall Time
vs. Input Voltage
0
20
40
60
80
100
120
140
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
-40°C
25°C
85°C
Rise Time
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40
-15
10
35
60
85
TEMPERATURE (°C)
3.3V
5V
Fall Time
vs. Temperature
0
20
40
60
80
100
120
140
-40
-15
10
35
60
85
TEMPERATURE (°C)
5V
3.3V
VIN - VOUT
vs. Output Current
0
20
40
60
80
100
120
140
160
0
0.25 0.5
0.75
1
1.25 1.5
OUTPUT CURRENT (A)
-40
25
85
VIN = 5V
VIN - VOUT
vs. Output Current
0
20
40
60
80
100
120
140
160
0
0.25 0.5
0.75
1
1.25 1.5
OUTPUT CURRENT (A)
-40
25
85
VIN = 3.3V
RSET (Ω)
vs. Output Current
0
500
1000
1500
2000
2500
0
0.25 0.5 0.75
1
1.25 1.5
OUTPUT CURRENT (A)
RSET = 230
ILIMIT
Output Current
vs. RSET
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
500
1000 1500 2000 2500
RSET (Ω)
I_OUT
I_OUT_Mea


Similar Part No. - MIC2548A-1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2548 MICREL-MIC2548 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2548-1BM MICREL-MIC2548-1BM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2548-1BMM MICREL-MIC2548-1BMM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2548-1YM MICREL-MIC2548-1YM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2548-1YMM MICREL-MIC2548-1YMM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
More results

Similar Description - MIC2548A-1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com