Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5387-SGFYMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5387-SGFYMT
Description  Ultra-Small Triple 150mA Output LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5387-SGFYMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5387-SGFYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5387-SGFYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5387
April 2010
3
M9999-041610-A
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................ −0.3V to +6V
Enable Voltage (VEN2/3)...................................... −0.3V to VIN
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10sec)........................ 260°C
Junction Temperature (TJ) ........................ −40°C to +150°C
Storage Temperature (Ts) ......................... −65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN2/3) .......................................... 0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
6-Pin 1.6mm x 1.6mm Thin MLF
® JA) ..........92.4°C/W
Electrical Characteristics(5)
VIN = VEN2/3 = VOUT + 1V; highest of the three outputs; CIN = COUT1 = COUT2 = COUT3 = 1µF; IOUT1 = IOUT2 = IOUT3 = 100µA;
TJ = 25°C, bold values indicate −40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Variation from nominal VOUT
–2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; −40°C to +125°C
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
%
Load Regulation
(6)
IOUT = 100µA to 150mA
0.65
%
IOUT = 50mA; VOUT ≥ 2.8V
55
110
mV
IOUT = 150mA; VOUT ≥ 2.8V
155
310
mV
IOUT = 50mA; VOUT < 2.8V
60
135
mV
Dropout Voltage
(7)
IOUT = 150mA; VOUT < 2.8V
180
380
mV
IOUT = 0mA; VEN2/3 = 0V , VOUT1 = On
32
40
µA
Ground Pin Current
(8)
IOUT = 0mA; VOUT > 1.3V VEN2/3 = VIN
96
120
µA
f = up to 1kHz; COUT = 1µF; VOUT < 2.5V
70
dB
Ripple Rejection
f = 1kHz
− 10kHz; COUT = 1µF; VOUT < 2.5V
60
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Enable Input
Logic Low
0.2
V
Enable Input Voltage (VEN2/3)
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current (VEN2/3)
VIH ≥ 1.2V
0.01
1
µA
Turn-on Time (VOUT2, VOUT3)
COUT = 1µF; IOUT = 150mA
50
125
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
8. Ground-pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground-pin
current.


Similar Part No. - MIC5387-SGFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results

Similar Description - MIC5387-SGFYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5385 MICREL-MIC5385 Datasheet
609Kb / 13P
   Ultra Small Triple 150mA Output LDO
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Taiwan Semiconductor Co...
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com