Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2544A-2YMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2544A-2YMM
Description  Programmable Current Limit High-Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544A-2YMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2544A-2YMM Datasheet HTML 1Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 2Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 3Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 4Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2544A-2YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC2544A/2548A
April 2010
5
M9999-043010
Error Flag
VIN = 5V, IL = 10µA
7
15
Error Flag Output
Resistance
VIN = 3.3V, IL = 10µA
9
20
Error Flag Off Current
VFLG = 5.0V
0.01
1
µA
Thermal Protection
Over-temperature Shutdown
TJ Rising
150
°C
Over-temperature Shutdown
Hysteresis
5
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Off is
≤0.8V and on is ≥2.4V for the MIC2544A-1 and MIC2548A-1. Off is ≥2.4V and on is ≤0.8V for the MIC2544A-2 and MIC2548A-2. The enable
input has about 200mV of hysteresis.
5. Guaranteed by design but not production tested.
6. Current limit threshold is determined by ILIMIT =
, where RSET is in ohms.
230V
RSET


Similar Part No. - MIC2544A-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2544 MICREL-MIC2544 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544-1 MICREL-MIC2544-1 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2544-1BM MICREL-MIC2544-1BM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
MIC2544-1BMM MICREL-MIC2544-1BMM Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
More results

Similar Description - MIC2544A-2YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com