Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763IDE-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1763IDE-3
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763IDE-3 Datasheet(HTML) 1 Page - Linear Technology

  LT1763IDE-3 Datasheet HTML 1Page - Linear Technology LT1763IDE-3 Datasheet HTML 2Page - Linear Technology LT1763IDE-3 Datasheet HTML 3Page - Linear Technology LT1763IDE-3 Datasheet HTML 4Page - Linear Technology LT1763IDE-3 Datasheet HTML 5Page - Linear Technology LT1763IDE-3 Datasheet HTML 6Page - Linear Technology LT1763IDE-3 Datasheet HTML 7Page - Linear Technology LT1763IDE-3 Datasheet HTML 8Page - Linear Technology LT1763IDE-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT1763 Series
1
1763fg
TYPICAL APPLICATION
DESCRIPTION
500mA, Low Noise, LDO
Micropower Regulators
The LT®1763 series are micropower, low noise, low dropout
regulators. The devices are capable of supplying 500mA of
output current with a dropout voltage of 300mV. Designed
for use in battery-powered systems, the low 30μA quiescent
current makes them an ideal choice. Quiescent current is
well controlled; it does not rise in dropout as it does with
many other regulators.
A key feature of the LT1763 regulators is low output noise.
With the addition of an external 0.01μF bypass capacitor,
output noise drops to 20μVRMS over a 10Hz to 100kHz
bandwidth. The LT1763 regulators are stable with output
capacitors as low as 3.3μF. Small ceramic capacitors can
be used without the series resistance required by other
regulators.
Internal protection circuitry includes reverse battery
protection, current limiting, thermal limiting and reverse
current protection. The parts come in fixed output voltages
of 1.5V, 1.8V, 2.5V, 3V, 3.3V and 5V, and as an adjustable
device with a 1.22V reference voltage. The LT1763
regulators are available in 8-lead SO and 12-lead, low
profile (4mm × 3mm × 0.75mm) DFN packages.
3.3V Low Noise Regulator
FEATURES
APPLICATIONS
n Low Noise: 20μVRMS (10Hz to 100kHz)
n Output Current: 500mA
n Low Quiescent Current: 30μA
n Wide Input Voltage Range: 1.8V to 20V
n Low Dropout Voltage: 300mV
n Very Low Shutdown Current: < 1μA
n No Protection Diodes Needed
n Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3V, 3.3V, 5V
n Adjustable Output from 1.22V to 20V
n Stable with 3.3μF Output Capacitor
n Stable with Aluminum, Tantalum or Ceramic
Capacitors
n Reverse Battery Protection
n No Reverse Current
n Overcurrent and Overtemperature Protected
n 8-Lead SO and 12-Lead (4mm × 3mm) DFN
Packages
n Cellular Phones
n Battery-Powered Systems
n Noise-Sensitive Instrumentation Systems
Dropout Voltage
IN
SHDN
0.01μF
10μF
1763 TA01
OUT
SENSE
VIN
3.7V TO
20V
BYP
GND
LT1763-3.3
3.3V AT 500mA
20μVRMS NOISE
1μF
+
OUTPUT CURRENT (mA)
0
400
350
300
250
200
150
100
50
0
400
1763 TA02
100
200
300
500
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 6144250, 6118263.


Similar Part No. - LT1763IDE-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763IS8 LINER-LT1763IS8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5 LINER-LT1763IS8-1.5 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5PBF LINER-LT1763IS8-1.5PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5TR LINER-LT1763IS8-1.5TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.5TRPBF LINER-LT1763IS8-1.5TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763IDE-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com