Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0421SQX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV0421SQX
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV0421SQX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS92LV0421SQX Datasheet HTML 1Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 2Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 3Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 4Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 5Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 6Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 7Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 8Page - National Semiconductor (TI) DS92LV0421SQX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Pin Name
Pin #
I/O, Type
Description
VODSEL
20
I, LVCMOS
w/ pull-down
Differential Driver Output Voltage Select — Pin or Register Control
VODSEL = 1, LVDS VOD is ±450 mV, 900 mVp-p (typ) — Long Cable / De-E Applications
VODSEL = 0, LVDS VOD is ±300 mV, 600 mVp-p (typ)
De-Emph
19
I, Analog
w/ pull-up
De-Emphasis Control — Pin or Register Control
De-Emph = open (float) - disabled
To enable De-emphasis, tie a resistor from this pin to GND or control via register.
See Table 4
MAPSEL
26
I, LVCMOS
w/ pull-down
Channel Link Map Select — Pin or Register Control
MAPSEL = 1, MSB on RxIN3+/-. Figure 22
MAPSEL = 0, LSB on RxIN3+/-. Figure 21
CONFIG
[1:0]
10, 9
I, LVCMOS
w/ pull-down
Operating Modes — Pin or Limited Register Control
Determines the device operating mode and interfacing device. Table 1
CONFIG[1:0] = 00: Interfacing to DS92LV2422 or DS92LV0422, Control Signal Filter
DISABLED
CONFIG[1:0] = 01: Interfacing to DS92LV2422 or DS92LV0422, Control Signal Filter
ENABLED
CONFIG [1:0] = 10: Interfacing to DS90UR124, DS99R124
CONFIG [1:0] = 11: Interfacing to DS90C124
ID[x]
4
I, Analog
Serial Control Bus Device ID Address Select — Optional
Resistor to Ground and 10 k
Ω pull-up to 1.8V rail. See Table 10.
SCL
6
I, LVCMOS
Serial Control Bus Clock Input - Optional
SCL requires an external pull-up resistor to V
DDIO.
SDA
7
I/O, LVCMOS
Open Drain
Serial Control Bus Data Input / Output - Optional
SDA requires an external pull-up resistor V
DDIO.
BISTEN
21
I, LVCMOS
w/ pull-down
BIST Mode — Optional
BISTEN = 1, BIST is enabled
BISTEN = 0, BIST is disabled
RES[7:0]
25, 3, 36, 27,
18, 13, 12, 8
I, LVCMOS
w/ pull-down
Reserved - tie LOW
Channel Link II Serial Interface
DOUT+
16
O, CML
True Output.
The output must be AC Coupled with a 0.1
μF capacitor.
DOUT-
15
O, CML
Inverting Output.
The output must be AC Coupled with a 0.1
μF capacitor.
Power and Ground
VDDL
5
Power
Logic Power, 1.8 V ±5%
VDDP
11
Power
PLL Power, 1.8 V ±5%
VDDHS
14
Power
TX High Speed Logic Power, 1.8 V ±5%
VDDTX
17
Power
Output Driver Power, 1.8 V ±5%
VDDRX
24
Power
RX Power, 1.8 V ±5%
VDDIO
22
Power
LVCMOS I/O Power and Channel Link I/O Power 1.8 V ±5% OR 3.3 V ±10%
GND
DAP
Ground
DAP is the large metal contact at the bottom side, located at the center of the LLP
package. Connect to the ground plane (GND) with at least 9 vias.
NOTE: 1= HIGH, 0 L= LOW
The VDD (V
DDn and VDDIO) supply ramp should be faster than 1.5 ms with a monotonic rise. If slower then 1.5 ms then a capacitor
on the PDB pin is needed to ensure PDB arrives after all the VDD have settled to the recommended operating voltage.
www.national.com
4


Similar Part No. - DS92LV0421SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421SQX/NOPB TI1-DS92LV0421SQX/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com