Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0411SQE Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV0411SQE
Description  5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV0411SQE Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS92LV0411SQE Datasheet HTML 1Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 2Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 3Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 4Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 5Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 6Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 7Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 8Page - National Semiconductor (TI) DS92LV0411SQE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Block Diagrams
30125228
30125272
Ordering Information
NSID
Package Description
Quantity
SPEC
Package ID
DS92LV0411SQE
36–pin LLP, 6.0 X 6.0 X 0.8 mm, 0.5 mm pitch
250
NOPB
SQA36A
DS92LV0411SQ
36–pin LLP, 6.0 X 6.0 X 0.8 mm, 0.5 mm pitch
1000
NOPB
SQA36A
DS92LV0411SQX
36–pin LLP, 6.0 X 6.0 X 0.8 mm, 0.5 mm pitch
2500
NOPB
SQA36A
DS92LV0412SQE
48–pin LLP, 7.0 X 7.0 X 0.8 mm, 0.5 mm pitch
250
NOPB
SQA48A
DS92LV0412SQ
48–pin LLP, 7.0 X 7.0 X 0.8 mm, 0.5 mm pitch
1000
NOPB
SQA48A
DS92LV0412SQX
48–pin LLP, 7.0 X 7.0 X 0.8 mm, 0.5 mm pitch
2500
NOPB
SQA48A
www.national.com
2


Similar Part No. - DS92LV0411SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0411SQE/NOPB TI1-DS92LV0411SQE/NOPB Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0411SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com