Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481HDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2481HDD-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481HDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2481HDD-PBF Datasheet HTML 5Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 6Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 7Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 8Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 9Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 10Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 11Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 12Page - Linear Technology LTC2481HDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2481
9
2481fc
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (2x Speed
Mode; VCC = 2.7V, VREF = 2.5V)
Noise Histogram
(2x Speed Mode)
RMS Noise vs VREF
(2x Speed Mode)
Offset Error vs VIN(CM)
(2x Speed Mode)
Offset Error vs Temperature
(2x Speed Mode)
Conversion Current
vs Output Data Rate
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 5V)
Integral Nonlinearity (2x Speed
Mode; VCC = 5V, VREF = 2.5V)
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2481 G28
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN= GND
CA0/f0 = EXT OSC
TA = 25°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–1.5
–0.5
0.5
1.5
2481 G29
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
25°C, 90°C
–45°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2481 G30
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
90°C
–45°C, 25°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2481 G31
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
90°C
–45°C, 25°C
OUTPUT READING (μV)
179
8
10
12
186.2
2481 G32
6
4
181.4
183.8
188.6
2
0
16
14
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
GAIN = 256
TA = 25°C
RMS = 0.86μV
AVERAGE = 0.184mV
VREF (V)
0
0.6
0.8
1.0
4
2481 G33
0.4
0.2
0
1
2
3
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
VIN(CM) (V)
–1
180
182
186
188
190
200
194
1
3
4
2481 G34
184
196
198
192
0
2
5
6
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
TEMPERATURE (°C)
–45
200
210
220
75
2481 G35
190
180
160
–15
15
45
–30
90
0
30
60
170
240
230
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND


Similar Part No. - LTC2481HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2481 LINER-LTC2481 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2481 LINER-LTC2481 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481HDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com