Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481CDD-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2481CDD-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481CDD-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2481CDD-PBF Datasheet HTML 1Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 2Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 3Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 4Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 5Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 6Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 7Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 8Page - Linear Technology LTC2481CDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC2481
4
2481fc
ANALOG INPUT AND REFERENCE The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CS (IN)INSampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
l
–10
1
10
nA
IDC_LEAK (IN)INDC Leakage Current
Sleep Mode, IN= GND
l
–10
1
10
nA
IDC_LEAK (VREF)REF+, REFDC Leakage Current
Sleep Mode, VREF = VCC
l
–100
1
100
nA
I2C DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.7VCC
V
VIL
Low Level Input Voltage
l
0.3VCC
V
VIL(CA1)
Low Level Input Voltage for Address Pin
l
0.05VCC
V
VIH(CA0/f0,CA1)
High Level Input Voltage for Address Pins
l
0.95VCC
V
RINH
Resistance from CA0/f0, CA1 to VCC to Set
Chip Address Bit to 1
l
10
RINL
Resistance from CA1 to GND to Set Chip
Address Bit to 0
l
10
RINF
Resistance from CA0/f0, CA1 to VCC or
GND to Set Chip Address Bit to Float
l
2
II
Digital Input Current
l
–10
10
μA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 5)
0.05VCC
V
VOL
Low Level Output Voltage SDA
I = 3mA
l
0.4
V
tOF
Output Fall Time from VIHMIN to VILMAX
Bus Load CB 10pF to 400pF (Note 14)
l
20+0.1CB
250
ns
tSP
Input Spike Suppression
l
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
l
1μA
CI
Capacitance for Each I/O Pin
l
10
pF
CB
Capacitance Load for Each Bus Line
l
400
pF
CCAX
External Capacitive Load On-Chip Address
Pins (CA0/f0,CA1) for Valid Float
l
10
pF
VIH(EXT,OSC)
High Level CA0/f0 External Oscillator
2.7V ≤ VCC < 5.5V
l
VCC – 0.5V
V
VIL(EXT,OSC)
Low Level CA0/f0 External Oscillator
2.7V ≤ VCC < 5.5V
l
0.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion Mode (Note 11)
Sleep Mode (Note 11)
H-Grade
l
l
l
160
1
250
2
20
μA
μA
μA
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTC2481CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481CDD LINER-LTC2481CDD Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com