Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2480IMS-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2480IMS-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480IMS-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2480IMS-PBF Datasheet HTML 1Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 2Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 3Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 4Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 5Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 6Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 7Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 8Page - Linear Technology LTC2480IMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC2480
4
2480fc
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Note 5)
l
140
dB
Input Common Mode Rejection
50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Note 5)
l
140
dB
Input Common Mode Rejection
60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Note 5)
l
140
dB
Input Normal Mode Rejection
50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Notes 5, 7)
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Notes 5, 7) (H-Grade)
l
l
110
104
120
dB
dB
Input Normal Mode Rejection
60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Notes 5, 8)
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Notes 5, 8) (H-Grade)
l
l
110
104
120
dB
dB
Input Normal Mode Rejection
50Hz/60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Notes 5, 9)
l
87
dB
Reference Common Mode
Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN= IN+ ≤ VCC (Note 5)
l
120
140
dB
Power Supply Rejection DC
VREF = 2.5V, IN= IN+ = GND
120
dB
Power Supply Rejection, 50Hz ±2%
VREF = 2.5V, IN= IN+ = GND (Notes 7, 9)
120
dB
Power Supply Rejection, 60Hz ±2%
VREF = 2.5V, IN= IN+ = GND (Notes 8, 9)
120
dB
ANALOG INPUT AND REFERENCE The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
GND – 0.3V
VCC + 0.3V
V
FS
Full-Scale of the Differential Input (IN+ – IN)
l 0.5VREF/GAIN
V
LSB
Least Significant Bit of the Output Code
l
FS/216
VIN
Input Differential Voltage Range (IN+ – IN)
l
–FS
+FS
V
VREF
Reference Voltage Range
l
0.1
VCC
V
CS (IN+)IN+ Sampling Capacitance
11
pF
CS (IN)INSampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
l
–10
1
10
nA
IDC_LEAK (IN)INDC Leakage Current
Sleep Mode, IN= GND
l
–10
1
10
nA
IDC_LEAK (VREF)VREF DC Leakage Current
Sleep Mode, VREF = VCC
l
–100
1
100
nA
ANALOG INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage CS, fO, SDI
2.7V ≤ VCC ≤ 5.5V
l
VCC – 0.5
V
VIL
Low Level Input Voltage CS, fO, SDI
2.7V ≤ VCC ≤ 5.5V
l
0.5
V
VIH
High Level Input Voltage SCK
2.7V ≤ VCC ≤ 5.5V (Note 10)
l
VCC – 0.5
V
VIL
Low Level Input Voltage SCK
2.7V ≤ VCC ≤ 5.5V (Note 10)
l
0.5
V
IIN
Digital Input Current CS, fO, SDI
0V ≤ VIN ≤ VCC
l
–10
10
μA


Similar Part No. - LTC2480IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480IDD LINER-LTC2480IDD Datasheet
535Kb / 40P
   16-Bit ADC with Easy Drive
More results

Similar Description - LTC2480IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com