Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460DCS8-2.5-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1460DCS8-2.5-TRPBF
Description  Micropower Precision Series Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460DCS8-2.5-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1460DCS8-2.5-TRPBF Datasheet HTML 5Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 6Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 7Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 8Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 9Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 10Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 11Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 12Page - Linear Technology LT1460DCS8-2.5-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT1460

1460fc
TEMPERATURE (°C)
–50
5.004
5.002
5.000
4.998
4.996
4.994
–25
0
25
50
1460 G16
75
100
3 TYPICAL PARTS
INPUT VOLTAGE (V)
0
200
180
160
140
120
100
80
60
40
20
0
1460 G17
16
4
2
6
10
8
12 14
18 20
125°C
–55°C
25°C
INPUT VOLTAGE (V)
0
4
8 10
20
1460 G18
2
6
12 14 16 18
5.002
5.000
4.998
4.996
4.994
4.992
125°C
25°C
–55°C
INPUT-OUTPUT VOLTAGE (V)
0
100
10
1
0.1
1.0
0.5
1.5
2.0
2.5
1460 G13
125°C
–55°C
25°C
OUTPUT CURRENT (mA)
0.1
6
5
4
3
2
1
0
1
10
100
1460 G14
125°C
25°C
–55°C
FREQUENCY (Hz)
100
1000
10
1k
10k
1460 G10
100
100k
TIME (SEC)
0
1
2
3
4
5
6
7
8
9 10
1460 G11
TIME (HOURS)
0
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
800
1460 G12
200
400
600
1000
2.5V Output Voltage Noise
Spectrum
2.5V Output Noise 0.1Hz to 10Hz
2.5V Long-Term Drift
Three Typical Parts (S8 Package)
5V Minimum Input-Output Voltage
Differential
5V Load Regulation, Sourcing
5V Load Regulation, Sinking
5V Output Voltage
Temperature Drift
5V Supply Current vs Input
Voltage
5V Line Regulation
OUTPUT CURRENT (mA)
0
1
2
3
4
5
1460 G15
100
90
80
70
60
50
40
30
20
10
0
25°C
–55°C
125°C
LT1460-5 (N8, S8, MS8, Z Packages)
typical perForMance characteristics


Similar Part No. - LT1460DCS8-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460DCS8-2.5 LINER-LT1460DCS8-2.5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460DCS8-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com