Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789CS8-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1789CS8-1
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789CS8-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1789CS8-1 Datasheet HTML 5Page - Linear Technology LT1789CS8-1 Datasheet HTML 6Page - Linear Technology LT1789CS8-1 Datasheet HTML 7Page - Linear Technology LT1789CS8-1 Datasheet HTML 8Page - Linear Technology LT1789CS8-1 Datasheet HTML 9Page - Linear Technology LT1789CS8-1 Datasheet HTML 10Page - Linear Technology LT1789CS8-1 Datasheet HTML 11Page - Linear Technology LT1789CS8-1 Datasheet HTML 12Page - Linear Technology LT1789CS8-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT1789-1/LT1789-10
9
1789fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Does not include the effect of the external gain resistor RG.
Note 3: This parameter is not 100% tested.
Note 4: The LT1789C-1/ LT1789C-10 is guaranteed to meet specified
performance from 0°C to 70°C and is designed, characterized and
expected to meet these extended temperature limits, but is not tested at
–40°C and 85°C. The LT1789I-1/ LT1789I-10 is guaranteed to meet the
extended temperature limits.
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
PSRR
Power Supply Rejection Ratio
LT1789-1, VS = ±1.25V to ±16V
LT1789-10, VS = ±1.50V to ±16V
G = 1
G = 10
G = 100, 1000
l
l
l
90
100
102
96
102
dB
dB
dB
Minimum Supply Voltage
l
±1.25
±1.50
V
IS
Supply Current
l
160
160
µA
VO
Output Voltage Swing
l ±14.15
±14.15
V
SR
Slew Rate
VOUT = ±10V
l
0.008
0.024
V/µs
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range of
–40°C ≤ TA ≤ 85°C. VS = ±15V, RL = 20k, VCM = VREF = 0V, unless otherwise noted. (Note 4)
Note 5: Hysteresis in offset voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Offset voltage hysteresis is always measured at 25°C, but
the IC is cycled to 85°C I-grade (or 70°C C-grade) or – 40°C I-grade
(0°C C-grade) before successive measurement. 60% of the parts will
pass the typical limit on the data sheet.
Note 6: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 7: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 8: This parameter is not tested at VS = 3V on the LT1789-10 due
to an increase in sensitivity to test system noise. Actual performance is
expected to be similar to performance at VS = 5V.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Input Bias Current
vs Temperature
Input Bias Current
vs Common Mode Input Voltage
TOTAL SUPPLY VOLTAGE (V)
0
20
30
50
60
70
120
90
10
20
25
1789 G01
40
100
110
80
515
30
35
40
125°C
25°C
–55°C
TEMPERATURE (°C)
–50
–25
–25
–15
0
0
50
75
1789 G02
–20
–5
–10
25
100
125
VS = 5V, 0V
VCM = 2.5V
COMMON MODE INPUT VOLTAGE (V)
0
–18
–14
–10
4.5
1789 G03
–22
–26
–20
–16
–12
–24
–28
–30
1.5
2.5
3.5
1
0.5
–0.5
5
2
3
4
VS = 5V, 0V
VREF = 2.5V
–55°C
125°C
25°C
85°C
(LT1789-1, LT1789-10)


Similar Part No. - LT1789CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789CS8-1 LINER-LT1789CS8-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789CS8-10 LINER-LT1789CS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com