Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763IS8-1.8-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1763IS8-1.8-PBF
Description  500mA, Low Noise, LDO Micropower Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763IS8-1.8-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1763IS8-1.8-PBF Datasheet HTML 7Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 8Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 9Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 10Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 11Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 12Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 13Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 14Page - Linear Technology LT1763IS8-1.8-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT1763 Series
11
1763fg
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
TEMPERATURE (°C)
–50
100
1763 G37
050
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–25
25
75
125
VSHDN = 20V
TEMPERATURE (°C)
–50
0
50
75
1763 G38
–25
25
100
125
140
120
100
80
60
40
20
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
INPUT VOLTAGE (V)
0
2
4
5
1763 G39
1
3
6
7
VOUT = 0V
Current Limit
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
Ripple Rejection
TEMPERATURE (°C)
–50
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1763 G40
–25
25
100
125
VIN = 7
VOUT = 0V
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1763 G41
0123
4
5
67
8
9
10
TJ = 25°C, VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT1763)
LT1763
LT1763-5
LT1763-1.5
LT1763-3.3
LT1763-3
LT1763-2.5
LT1763-1.8
20
18
16
14
12
10
8
6
4
2
0
1763 G42
VIN = 0V, VOUT = 1.22V (LT1763)
VOUT = 1.5V (LT1763-1.5)
VOUT = 1.8V (LT1763-1.8)
VOUT = 2.5V (LT1763-2.5)
VOUT = 3V (LT1763-3)
VOUT = 3.3V (LT1763-3.3)
VOUT = 5V (LT1763-5)
LT1763-1.5/-1.8/
-2.5/-3/-3.3/-5
LT1763
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G43
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 4.7μF
COUT = 10μF
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G44
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 100pF
CBYP = 1000pF
TEMPERATURE (°C)
–50
100
1763 G45
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 500mA


Similar Part No. - LT1763IS8-1.8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763IS8-1.8 LINER-LT1763IS8-1.8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.8PBF LINER-LT1763IS8-1.8PBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.8TR LINER-LT1763IS8-1.8TR Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763IS8-1.8TRPBF LINER-LT1763IS8-1.8TRPBF Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763IS8-1.8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com