Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1117CST-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT1117CST-TR
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1117CST-TR Datasheet HTML 7Page - Linear Technology LT1117CST-TR Datasheet HTML 8Page - Linear Technology LT1117CST-TR Datasheet HTML 9Page - Linear Technology LT1117CST-TR Datasheet HTML 10Page - Linear Technology LT1117CST-TR Datasheet HTML 11Page - Linear Technology LT1117CST-TR Datasheet HTML 12Page - Linear Technology LT1117CST-TR Datasheet HTML 13Page - Linear Technology LT1117CST-TR Datasheet HTML 14Page - Linear Technology LT1117CST-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
11
1117fd
TYPICAL APPLICATIONS
Battery Charger
Battery Backed Up Regulated Supply
1117 TA08
VOUT
VIN
R1
IF
RS
1.25V
ADJ
LT1117
IN
OUT
VOUT – 1.25V 1 +
R2
R1
IF =
–RS 1 +
R2
R1
1
=
–RS 1 +
R2
R1
()
ΔIF
ΔVOUT
()
()
100μF
5.2V LINE
5.0V BATTERY
VIN
10μF
1117 TA09
50Ω
SELECT FOR
CHARGE RATE
6.5V
10μF
LT1117-5
IN
GND
OUT
LT1117-5
IN
GND
OUT
+
+
+
Improving Ripple Rejection
Automatic Light Control
R1
121Ω
1%
5V
VIN
10μF
C1
10μF
150μF
R2
365Ω
1%
* C1 IMPROVES RIPPLE
REJECTION. XC SHOULD BE
≈ R1 AT RIPPLE FREQUENCY
1117 TA10
LT1117
IN
ADJ
OUT
+
+
+
1.2k
10μF
100μF
1117 TA11
LT1117
IN
ADJ
OUT
+
+
High Efficiency Dual Supply
+5V
0.5A
+VIN
10μF
1117 TA12
1N4002
470μF
10μF
1N4002
470μF
MUR410
MUR410
MUR410
SWITCHING
REGULATOR
470μF
3.3V OUTPUT (TYPICAL)
–5V
0.5A
FEEDBACK PATH
LT1117-5
IN
GND
OUT
LT1117-5
IN
GND
OUT
+
+
+
+
+


Similar Part No. - LT1117CST-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-2.85 LINER-LT1117CST-2.85 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-3.3 LINER-LT1117CST-3.3 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-5 LINER-LT1117CST-5 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com