Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789CS8-10-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1789CS8-10-PBF
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789CS8-10-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1789CS8-10-PBF Datasheet HTML 1Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 2Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 3Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 4Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 5Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 6Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 7Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 8Page - Linear Technology LT1789CS8-10-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1789-1/LT1789-10
4
1789fc
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Gain Error (Note 6)
G = 1, VO = 0.3V to (+VS) – 1V
l
0.25
%
VO = 0.3V to (+VS) – 0.5V
G = 10 (Note 2)
G = 100 (Note 2)
l
l
0.53
0.55
0.30
0.53
%
%
Gain Nonlinearity (Note 6)
G = 1, VO = 0.3V to (+VS) – 1V
l
185
ppm
LT1789-1, VO = 0.3V to (+VS) – 0.5V
LT1789-10, VO = 0.3V to 4.7V, VS = 5V
(Note 8)
G = 10
G = 100
l
l
90
120
130
130
ppm
ppm
G/T
Gain vs Temperature
G < 1000 (Notes 2, 3)
l
5
50
5
50
ppm/°C
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000
l
150
190
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 3, 5)
l
3
10
3
10
µV
VOSO
Output Offset Voltage
G = 1 (LT1789-1), G = 10 (LT1789-10) l
950
3700
µV
VOSOH
Output Offset Voltage Hysteresis
(Notes 3, 5)
l
50
100
300
900
µV
VOSI/T
Input Offset Voltage Drift (RTI)
(Note 3)
l
0.2
0.5
0.3
0.7
µV/°C
VOSO/T
Output Offset Voltage Drift
(Note 3)
l
1.5
4
7
20
µV/°C
IOS
Input Offset Current
(Note 6)
l
4.5
4.5
nA
IOS/T
Input Offset Current Drift
l
3
3
pA/°C
IB
Input Bias Current
(Note 6)
l
45
45
nA
IB/T
Input Bias Current Drift
l
50
50
pA/°C
VCM
Input Voltage Range
l
0.2
(+VS) – 1
0.2
(+VS) – 1.5
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance (Note 6)
LT1789-1, VCM = 0.2V to (+VS) – 1V
LT1789-10, VCM = 0.2V to (+VS) – 1.5V
G = 1
G = 10
G = 100, 1000
l
l
l
77
94
98
85
96
dB
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VREF = 1V
G = 1
G = 10
G = 100, 1000
l
l
l
88
98
100
92
100
dB
dB
dB
Minimum Supply Voltage
l
2.5
2.5
V
IS
Supply Current
(Note 7)
l
115
115
µA
VOL
Output Voltage Swing LOW
(Note 7)
l
110
120
mV
VOH
Output Voltage Swing HIGH
(Note 7)
l +VS – 0.38
+VS – 0.38
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range of
0°C ≤ TA ≤ 70°C. VS = 3V, 0V; VS = 5V, 0V; RL = 20k, VREF = half supply, unless otherwise noted. (Note 4)


Similar Part No. - LT1789CS8-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789CS8-10 LINER-LT1789CS8-10 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789CS8-10-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com