Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7963GUW Datasheet(PDF) 11 Page - Rohm

Part # BU7963GUW
Description  Data rate 1350Mbps RGB Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7963GUW Datasheet(HTML) 11 Page - Rohm

Back Button BU7963GUW Datasheet HTML 7Page - Rohm BU7963GUW Datasheet HTML 8Page - Rohm BU7963GUW Datasheet HTML 9Page - Rohm BU7963GUW Datasheet HTML 10Page - Rohm BU7963GUW Datasheet HTML 11Page - Rohm BU7963GUW Datasheet HTML 12Page - Rohm BU7963GUW Datasheet HTML 13Page - Rohm BU7963GUW Datasheet HTML 14Page - Rohm BU7963GUW Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Note
11/19
BU7963GUW
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
1) DC Characteristics
Table 11. Digital Input / Output DC Characteristics
Ta=25°C, DVDD=MSVDD=1.80V and DGND=MSGND=0.00V, unless otherwise noted.
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
‘L’ Input Voltage 1
VIL1
DGND
-
0.3 x DVDD
V
PCLK, PD[26:0], LS[1:0],
RVS, POL_PCLK, XSD,
PLL_BW, TEST[1:0] pin
‘H’ Input Voltage 1
VIH1
0.7 x DVDD
-
DVDD
V
PCLK, PD[26:0], LS[1:0],
RVS, POL_PCLK,
PLL_BW, TEST[1:0] pin
‘L’ Input Current 1
IIL1
-5
-
+5
µA
VIN = DGND
‘H’ Input Current 1
IIH1
-5
-
+5
µA
VIN = DVDD
‘L’ Input Current 2
IIL2
-5
-
+5
µA
VIN = MSGND
‘H’ Input Current 2
IIH2
-5
-
+5
µA
VIN = MSVDD
‘L’ Output Voltage 1
VOL1
DGND
-
0.3 x DVDD
V
IO = 1mA,CKD pin
‘H’ Output Voltage 1
VOH1
0.7 x DVDD
-
DVDD
V
IO = -1mA,CKD pin
Table 12 Current Consumption
Ta=25°C, DVDD=MSVDD=1.80V and DGND=MSGND=0.00V, unless otherwise noted.
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
Shutdown Current
Iop_sht_rx
-
0.2
10
µA
XSD = ‘L’,
IDVDD + IMSVDD
Standby Current
Iop_stb_rx
-
0.2
10
µA
XSD = ‘H’,
IDVDD + IMSVDD
Active Current
1-channel / 27-bit Format
Iop_act_rx1
-
14.0
18.5
mA
LS[1:0] = ‘LL,’ PLL_BW[1:0] = ‘H’
DVDD = MSVDD
PCLK=15MHz,XSD=‘H
CL=10pF
Total operating current (IDVDD +
IMSVDD ) with PD[26:0] inputs to ggling
0x2AAAAAA and 0x5555555
Active Current
2-channel / 27-bit Format
Iop_act_rx2
-
19.7
25.7
mA
LS[1:0] = ‘LH,’ PLL_BW[1:0] = ‘H’
DVDD = MSVDD
PCLK=30MHz,XSD=‘H’
CL=10pF
Total operating current (IDVDD +
IMSVDD) with PD[26:0] inputs to ggling
0x2AAAAAA and 0x5555555
Active Current
3-channel/ 27-bit Format
Iop_act_rx3
-
25.4
32.9
mA
LS[1:0] = ‘HL,’ PLL_BW[1:0] = ‘H’
DVDD = MSVDD
PCLK=45MHz,XSD=‘H’
CL=10pF
Total operating current (IDVDD +
IMSVDD) with PD[26:0] inputs to ggling
0x2AAAAAA and 0x5555555


Similar Part No. - BU7963GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7961GUW ROHM-BU7961GUW Datasheet
157Kb / 5P
   Silicon Monolithic Integrated Circuit
BU7962GUW ROHM-BU7962GUW Datasheet
160Kb / 5P
   Silicon Monolithic Integrated Circuit
BU7964GUW ROHM-BU7964GUW Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
BU7964GUW ROHM-BU7964GUW Datasheet
413Kb / 19P
   Data rate 1350Mbps RGB Interface
BU7964GUW-E2 ROHM-BU7964GUW-E2 Datasheet
413Kb / 19P
   Data rate 1350Mbps RGB Interface
More results

Similar Description - BU7963GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7964GUW ROHM-BU7964GUW_1 Datasheet
413Kb / 19P
   Data rate 1350Mbps RGB Interface
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com