Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9802B50253KR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9802B50253KR
Description  Regulated Voltage Step-Up Charge Pump ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9802B50253KR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9802B50253KR Datasheet HTML 1Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 2Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 3Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 4Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 5Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 6Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 7Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 8Page - Torex Semiconductor XC9802B50253KR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
XC9801/XC9802
Series
PARAMETER
SYMBOL
CONDITIONS
UNITS
VIN pin Voltage
VIN
−0.3∼6.0
V
VOUT pin Voltage
VOUT
−0.3∼12.0
V
C1 + pin Voltage
C1+
−0.3∼VOUT+0.3
V
C1 - pin Voltage
C1-
−0.3∼VOUT+0.3
V
CE pin Voltage
VCE
−0.3∼VIN+0.3
V
VOUT Pin Output Current
IOUT
200
mA
MSOP-8A
150
Power Dissipation
USP-8
Pd
120
mW
Operating Temperature Range
Topr
−40∼+85
Storage Temperature Range
Tstg
−40∼+125
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
Ta = 25
℃, GND = 0V
(1) Basic Operations
(2) Stand-by Function
Using the XC9801/02
’s clock generated by the internal oscillator, a step-up charge pump operation can be brought
about as a result of the alternate switching between operating conditions where P1 & N4 are ON with P2 & P3 OFF
(or) P1 & N4 are OFF with P2 & P3 ON. By connecting the SENSE pin to VOUT, output voltage can be feedback and
the difference between the feedback voltage and the reference voltage (Vref) are compared by the internal operational
amplifier. Output voltage can be stabilized (* 2) by controlling P3
’s gate voltage waveform via the signal generated by
the internal amplifier.
Please note that this stabilizing function will not operate with VIN < (VOUT/2) or VIN
≧ VOUT.
By connecting SENSE to ground, the output stability function, as described above, can be halted and the IC can be
used as a step-up doubler.
* 2 : As a result of P3 gradually reaching an ON state with each clock (signal), rush current is controlled, the ripple
decreases and with the combination of the independent phase compensation circuit, output voltage is stabilized
When the voltage at CE (chip enable) is ‘low’ (0V), P1, P2 & P3 will be OFF with N4 & N5 ON. The external capacitor
C1 will discharge and impedance at VOUT will be high.
(3) PFM (Pulse Skip) Operations
Whilst maintaining output voltage, the XC9802 provides the added security of protection against drops in efficiency
during light loads as a result of the pulse, generated by the internal oscillator, being skipped and the operating
frequency being changed.
Controller


Similar Part No. - XC9802B50253KR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9802B503DL TOREX-XC9802B503DL Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9802B503DR TOREX-XC9802B503DR Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9802B503KL TOREX-XC9802B503KL Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9802B503KR TOREX-XC9802B503KR Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
XC9802B503KR TOREX-XC9802B503KR Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results

Similar Description - XC9802B50253KR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
   Step-Up Charge Pump ICs
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Renesas Technology Corp
VPA1000 RENESAS-VPA1000 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com