Electronic Components Datasheet Search |
|
LT1460BIN8-2.5-PBF Datasheet(PDF) 1 Page - Linear Technology |
|
LT1460BIN8-2.5-PBF Datasheet(HTML) 1 Page - Linear Technology |
1 / 26 page LT1460 1460fc Description Features applications typical application OUTPUT VOLTAGE ERROR (%) –0.10 –0.06 –0.02 0 1460 TA02 0.06 0.02 20 18 16 14 12 10 8 6 4 2 0 0.10 1400 PARTS FROM 2 RUNS Micropower Precision Series Reference Family The LT®1460 is a micropower bandgap reference that combines very high accuracy and low drift with low power dissipation and small package size. This series reference uses curvature compensation to obtain low temperature coefficient and trimmed precision thin-film resistors to achieve high output accuracy. The reference will supply up to 20mA with excellent line regulation characteristics, making it ideal for precision regulator applications. This series reference provides supply current and power dissipationadvantagesovershuntreferencesthatmustidle the entire load current to operate. Additionally, the LT1460 does not require an output compensation capacitor, yet is stable with capacitive loads. This feature is important where PC board space is a premium or fast settling is demanded. In the event of a reverse battery connection, thesereferenceswillnotconductcurrent,andaretherefore protected from damage. The LT1460 is available in the 8-lead MSOP, SO, PDIP and the 3-lead TO-92 and SOT23 packages. L , LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. n Handheld Instruments n Precision Regulators n A/D and D/A Converters n Power Supplies n Hard Disk Drives n Trimmed to High Accuracy: 0.075% Max n Low Drift: 10ppm/°C Max n Industrial Temperature Range n Temperature Coefficient Guaranteed to 125°C n Low Supply Current: 130µA Max (LT1460-2.5) n Minimum Output Current: 20mA n No Output Capacitor Required n Reverse Battery Protection n Minimum Input/Output Differential: 0.9V n Available in S0-8, MSOP-8, PDIP-8, TO-92 and SOT- 23 Package Basic Connection Typical Distribution of Output Voltage S8 Package LT1460-2.5 GND IN OUT 1460 TA01 C1 0.1µF 2.5V 3.4V TO 20V |
Similar Part No. - LT1460BIN8-2.5-PBF |
|
Similar Description - LT1460BIN8-2.5-PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |