Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175CS8-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1175CS8-TRPBF
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CS8-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1175CS8-TRPBF Datasheet HTML 4Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 5Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 6Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 7Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 8Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 9Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 10Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 11Page - Linear Technology LT1175CS8-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LT1175

1175fe
applicaTions inForMaTion
Setting Output Voltage
The LT1175 adjustable version has a feedback sense
voltage of 3.8V with a bias current of approximately 75nA
flowing out of the SENSE pin. To avoid output voltage
errors caused by this current, the output divider string
(see Figure 1) should draw about 25µA. Table 1 shows
suggested resistor values for a range of output voltages.
The second part of the table shows resistor values which
draw only 10µA of current. Output voltage error caused
by bias current with the lower valued resistors is about
0.4% maximum and with the higher values, about 1%
maximum. A formula is also shown for calculating the
resistors for any output voltage.
Table 1. Suggested Divider Resistors
OUTPUT
VOLTAGE
R1
IDIV = 25µA
R2
NEAREST 1%
R1
IDIV = 10µA
R2
NEAREST 1%
5V
150k
47.5k
383k
121k
6V
150k
86.6k
383k
221k
8V
150k
165k
383k
422k
10V
150k
243k
383k
619k
12V
150k
324k
383k
825k
15V
150k
442k
383k
1.13M
R
V
I
R
R V
V
V
Simple formula
R V
V
V R I
I
Desired
DIV
OUT
OUT
FB
DIV
1
3 8
2
1
3 8
3 8
1
3 8
3 8
1
=
=
(
) (
)
=
(
)
+
( )


=
.
.
.
.
.
R2
Taking SENSE pin bias
current into account
divider current
Note to Reader: To avoid confusion when working with
negative voltages (is –6V more or less than –5V?), I have
decidedtotreattheLT1175asifitwereapositiveregulator
andexpressallvoltagesaspositivevalues,bothintextand
in formulas. If you do the same and simply add a negative
signtotheeventualanswer,confusionshouldbeavoided.
Please don’t give me a hard time about “preciseness” or
“correctness.” I have to field phone calls from around
the world and this is my way of dealing with a multitude
of conventions. Thanks for your patience.
The LT1175-5 is a fixed 5V design with the SENSE pin
acting as a Kelvin connection to the output. Normally the
SENSE pin and the OUTPUT pin are connected directly
together, either close to the regulator or at the remote
load point.
Setting Current Limit
The LT1175 uses two ILIM pins to set current limit (typical)
at 200mA, 400mA, 600mA or 800mA. The corresponding
minimumguaranteedcurrentsare130mA,260mA,390mA
and 520mA. This allows the user to select a current limit
tailored to his specific application and prevents the situa-
tion where short-circuit current is many times higher than
full-load current. Problems with input supply overload or
excessivepowerdissipationinafaultedloadareprevented.
Power limiting in the form of foldback current limit is built
inandreducescurrentlimitasafunctionofinput-to-output
voltage differential for differentials exceeding 14V. See the
graph in Typical Performance Characteristics. The LT1175
is guaranteed to be blowout-proof regardless of current
limit setting. The power limiting combined with thermal
shutdown protects the device from destructive junction
temperatures under all load conditions.
Shutdown
In shutdown, the LT1175 draws only about 10µA. Special
circuitry is used to minimize increases in shutdown cur-
rent at high temperatures, but a slight increase is seen
above 125°C. One option not taken was to actively pull
down on the output during shutdown. This means that the
output will fall slowly after shutdown is initiated, at a rate
determined by load current plus the 12µA internal load,
and the size of the output capacitor. Active pull-down is
Figure 1. Typical LT1175 Adjustable Connection
+
CIN
COUT
≥ 0.1µF
VOUT
–12V
R2
825k
1%
R1
383k
1%
SHUTDOWN
LOGIC
SHDN
GND
LT1175
SENSE
OUTPUT
> 2V OR < –2V TO
TURN REGULATOR ON
1175 F01
ILIM4
ILIM2
VIN
+


Similar Part No. - LT1175CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CS8-5 LINER-LT1175CS8-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CS8-5 LINER-LT1175CS8-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com