Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY256P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TNY256P
Description  TinySwitch Plus Energy Efficient, Low Power Off-line Switcher
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY256P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TNY256P Datasheet HTML 1Page - Power Integrations, Inc. TNY256P Datasheet HTML 2Page - Power Integrations, Inc. TNY256P Datasheet HTML 3Page - Power Integrations, Inc. TNY256P Datasheet HTML 4Page - Power Integrations, Inc. TNY256P Datasheet HTML 5Page - Power Integrations, Inc. TNY256P Datasheet HTML 6Page - Power Integrations, Inc. TNY256P Datasheet HTML 7Page - Power Integrations, Inc. TNY256P Datasheet HTML 8Page - Power Integrations, Inc. TNY256P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TNY256
TinySwitch
®
Plus
Energy Efficient, Low Power Off-line Switcher
July 2001
®
Figure 1. Typical Standby Application.
ORDER
PART
NUMBER
85-265
VAC
230 VAC or
115 VAC
w/Doubler
Product Highlights
TinySwitch Plus Features
• Extended power range
• Fully integrated auto-restart reduces short circuit current
• Line under-voltage sense eliminates turn-off glitches
• Frequency jittering dramatically reduces EMI (5 to 10 dB)
• TO-220 package option
Lowest Cost, Low Power Switcher Solution
• Lower cost than RCC, discrete PWM and other
integrated/hybrid solutions
• Cost effective replacement for bulky linear adapters
• Lowest component count
• Simple ON/OFF control – no loop compensation components
• No bias winding – simpler, lower cost transformer
• Designed to work with low cost external components
Extremely Energy Efficient
• Consumes only 30/60 mW at 115/230 VAC with no load
• Meets Blue Angel, Energy Star, Energy 2000 and
200mW European cell phone requirements for standby
• Saves $1 to $4 per year in energy costs (at $0.12/kWHr)
compared to bulky linear adapters
• Ideal for cellular phone chargers and adapters
High Performance at Low Cost
• High voltage powered – ideal for charger applications
• High bandwidth provides fast turn on with no overshoot
• Current limit operation rejects line frequency ripple
• Built-in current limit and thermal protection
Description
The TNY256 extends the power range of the TinySwitch family
of energy efficient, low power off-line switchers. TinySwitch
devices use a breakthrough design to provide the lowest cost,
high efficiency, off-line switching solution for low power
applications. They integrate a 700 V power MOSFET, oscillator,
high voltage switched current source, current limit and thermal
shutdown circuitry into a single, monolithic device.
The
devices start-up and operate on power derived from the DRAIN
voltage, eliminating the need for a transformer bias winding and
associated circuitry. TinySwitch's low operating current allows
power supply no-load consumption to be kept under 100 mW,
even at 265 VAC input.
TNY256P
OUTPUT POWER CAPABILITY*
PACKAGE
DIP-8
SMD-8
TNY256G
5-10 W
8-15 W
The TinySwitch Plus incorporates auto-restart, line under-voltage
sense, and frequency jittering features. The auto-restart circuit
safely limits output power during fault conditions such as output
short or open loop. The auto-restart circuit is fully integrated and
does not require external timing components. The line under-
voltage sense threshold can be externally programmed using a line
sense resistor. During start-up, this feature keeps the TNY256 off
until the input line voltage reaches the under-voltage threshold.
When the input line voltage is removed, the line under-voltage
circuit prevents auto-restart attempts after the output goes out of
regulation. This eliminates power down glitches caused by the
slow discharge of input storage capacitors present in applications
such as standby supplies. A single resistor is used to implement
thisfeature,eliminatingwhatnormallytakesfivetosixcomponents.
Thelinesenseresistorisoptional.TheTNY256operatingfrequency
of 130 kHz is jittered (frequency modulated) to reduce both quasi-
peak and average EMI, minimizing filtering costs.
Table 1. * The low end of the power ranges shown represent enclosed
adapters with minimal heat sinking whereas, the high end of the power
ranges represent open frame power supplies with adequate heat
sinking, both measured at an ambient of 50 oC. Please refer to the Key
Application Considerations section for more details.
TNY256Y
TO-220-7B
PI-2363-022699
Wide-Range
HV DC Input
D
S
EN/UV
BP
+
+
DC Output
TinySwitch Plus
Optional
UV Resistor
8-19 W
5-11 W


Similar Part No. - TNY256P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY256P POWERINT-TNY256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY256P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com