Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV20812RHHR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV20812RHHR
Description  2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHHR Datasheet(HTML) 1 Page - Texas Instruments

  TS3DV20812RHHR Datasheet HTML 1Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 2Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 3Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 4Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 5Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 6Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 7Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 8Page - Texas Instruments TS3DV20812RHHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TS3DV20812
www.ti.com
SCDS302 – JUNE 2010
2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER
WITH 3-SIDE BAND SIGNALS
Check for Samples: TS3DV20812
1
FEATURES
APPLICATIONS
HDMI/DVI Video MUX
Four High-Speed Bidirectional Differential Pair
Channel MUX/DEMUX
Panel LVDS Bus MUX
LVDS, LVPECL, CML
Supports up to 2 Gbps Data Rate
Analog Signals VGA
VDD Operating Range 2.5 V or 3.3
Gigabit LAN Signal MUX
-0 V to 3.3 V Rail To Rail at 2.5 V
Serial Backplane Signal MUX
-0 V to 5 V Rail To Rail at 3.3V
Optical Module
IOFF partial Powerdown and Back-Drive
Central Office Telecommunication
Protection.
Wireless Base Station
5-V Input Tolerant on Control Pin
High-Speed Logic Data I/O MUX
Supports Both AC- and DC-Coupled Signals
Low Crosstalk: -38 dB at 825 MHz,
RHH PACKAGE
(TOP VIEW)
2.5 V or 3.3 V
Insertion Loss: -1.5 dB at 825 MHz,
2.5 V or 3.3 V
Off Isolation -24.67 dB at 825 MHz
Low Bit-to-Bit Skew within Pair 5 ps Maximum
Channel-to-Channel Skew: 30 ps Maximum
Propagation Delay Times: 250 ps Maximum
ESD Performance Tested per JESD 22
2000-V Human Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
TS3DV20812 is a High Speed Data Rate up to 2Gbps for Differential Signal Passive bi-directional Multiplexer
and De-multiplexer for I/O rails up to 5V Level with Low Crosstalk and Insertion Loss.
TS3DV20812 can be used in either HDMI/DVI sink side or source side with 4-differential pair supporting the high
speed and control pins.
The Ioff and back drive protection allowing to connect the external cable and prevent the back flow current when
the Vcc is into 0V.
The 3 side band signals can be used in DDC (SDAL, SCL) and CEC Signal MUX.
TS3DS20812 is characterized for operation from -40C to 85C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3DV20812RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
More results

Similar Description - TS3DV20812RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812_1 Datasheet
1Mb / 22P
[Old version datasheet]   2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com