Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC691CNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC691CNPBF
Description  Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691CNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC691CNPBF Datasheet HTML 5Page - Linear Technology LTC691CNPBF Datasheet HTML 6Page - Linear Technology LTC691CNPBF Datasheet HTML 7Page - Linear Technology LTC691CNPBF Datasheet HTML 8Page - Linear Technology LTC691CNPBF Datasheet HTML 9Page - Linear Technology LTC691CNPBF Datasheet HTML 10Page - Linear Technology LTC691CNPBF Datasheet HTML 11Page - Linear Technology LTC691CNPBF Datasheet HTML 12Page - Linear Technology LTC691CNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
9
690fe
Microprocessor Reset
The LTC690 family uses a bandgap voltage reference and a
precision voltage comparator C1 to monitor the 5V supply
input on VCC (see Block Diagram). When VCC falls below
the reset voltage threshold, the RESET output is forced
to active low state. The reset voltage threshold accounts
for a 5% variation on VCC, so the RESET output becomes
active low when VCC falls below 4.75V (4.65V typical).
On power-up, the RESET signal is held active low for a
minimum of 35ms for the LTC690/LTC691 (140ms for the
LTC694/LTC695) after reset voltage threshold is reached to
allow the power supply and microprocessor to stabilize.
The reset active time is adjustable on the LTC691/LTC695.
On power-down, the RESET signal remains active low
even with VCC as low as 1V. This capability helps hold the
microprocessor in stable shutdown condition. Figure 1
shows the timing diagram of the RESET signal.
The precision voltage comparator, C1, typically has 40mV
of hysteresis which ensures that glitches at VCC pin do
not activate the RESET output. Response time is typically
10μs. To help prevent mistriggering due to transient loads,
VCC pin should be bypassed with a 0.1μF capacitor with
the leads trimmed as short as possible.
The LTC691 and LTC695 have two additional outputs:
RESET and LOW⎯LINE. RESET is an active high output
and is the inverse of RESET. LOW⎯LINE is the output
of the precision voltage comparator C1. When VCC falls
APPLICATIONS INFORMATION
below the reset voltage threshold, LOW⎯LINE goes low.
LOW⎯LINE returns high as soon as VCC rises above the
reset voltage threshold.
Battery Switchover
The battery switchover circuit compares VCC to the VBATT
input, and connects VOUT to whichever is higher. When
VCC rises to 70mV above VBATT, the battery switchover
comparator, C2, connects VOUT to VCC through a charge
pumped NMOS power switch, M1. When VCC falls to 50mV
above VBATT, C2 connects VOUT to VBATT through a PMOS
switch, M2. C2 has typically 20mV of hysteresis to prevent
spurious switching when VCCremainsnearlyequaltoVBATT.
The response time of C2 is approximately 20μs.
During normal operation, the LTC690 family uses a charge
pumped NMOS power switch to achieve low dropout and
low supply current. This power switch can deliver up to
50mA to VOUT from VCC and has a typical on resistance of
5Ω. The VOUT pin should be bypassed with a capacitor of
0.1μF or greater to ensure stability. Use of a larger bypass
capacitor is advantageous for supplying current to heavy
transient loads.
When operating currents larger than 50mA are required
fromVOUT,oralowerdropout(VCC-VOUTvoltagedifferential)
is desired, the LTC691 and LTC695 should be used. These
products provide BATT ON output to drive the base of
VCC
t1
t1 = RESET ACTIVE TIME
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
t1
V2
V2
V1
V1
690 F01
RESET
LOW LINE
Figure 1. Reset Active Time


Similar Part No. - LTC691CNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC691CN LINER-LTC691CN Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC691CNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com