Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1431IN8-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1431IN8-PBF
Description  Programmable Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431IN8-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT1431IN8-PBF Datasheet HTML 1Page - Linear Technology LT1431IN8-PBF Datasheet HTML 2Page - Linear Technology LT1431IN8-PBF Datasheet HTML 3Page - Linear Technology LT1431IN8-PBF Datasheet HTML 4Page - Linear Technology LT1431IN8-PBF Datasheet HTML 5Page - Linear Technology LT1431IN8-PBF Datasheet HTML 6Page - Linear Technology LT1431IN8-PBF Datasheet HTML 7Page - Linear Technology LT1431IN8-PBF Datasheet HTML 8Page - Linear Technology LT1431IN8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1431

1431fd
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: VKA is the cathode voltage of the LT1431CZ/IZ and corresponds
to V+ of the LT1431CN8/IN8/CS8/IS8. IK is the cathode current of the
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IK = 10mA unless otherwise specified (Note 2)
SYMBOL
PARAMETER
CONDITIONS
LT1431I, LT1431M
LT1431C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VREF
Reference Voltage
VKA = 5V, IK = 2mA, (Note 3)
l
2.490
2.465
2.500 2.510
2.535
2.490
2.480
2.500 2.510
2.520
V
V
∆VREF/∆T
Reference Drift
VKA = 5V, IK = 2mA
l
50
30
ppm/°C
∆VREF/∆VKA Voltage Ratio, Reference to
Cathode (Open-Loop Gain)
IK = 2mA, VKA = 3V to 36V
l
0.2
0.5
0.2
0.5
mV/V
|IREF|
Reference Input Current
VKA = 5V, TA = 25°C
l
0.2
1.0
1.5
0.2
1.0
1.2
µA
µA
IMIN
Minimum Operating Current
VKA = VREF to 36V
0.6
1.0
0.6
1.0
mA
|IOFF|
Off-State Cathode Current
VKA = 36V, VREF = 0V
l
1
15
1
2
µA
µA
|ILEAK|
Off-State Collector Leakage Current VCOLL = 36V, V+ = 5V, VREF = 2.4V
l
1
5
1
2
µA
µA
|ZKA|
Dynamic Impedance
VKA = VREF, IK = 1mA to 100mA, f ≤ 1kHz
0.2
0.2
Ω
ILIM
Collector Current Limit
VKA = VREF + 50mV
l
80
360
100
260
mA
5V Reference Output
Internal Divider Used, IK = 2mA
4.950 5.000 5.050 4.950 5.000 5.050
V
LT1431CZ/IZ and corresponds to I(V+) + ICOLLECTOR of the LT1431CN8/
IN8/CS8/IS8.
Note 3: The LT1431 has bias current cancellation which is effective only
for VKA ≥ 3V. A slight (≈2mV) shift in reference voltage occurs when
VKA drops below 3V. For this reason, these tests are not performed at
VKA = VREF.


Similar Part No. - LT1431IN8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431IN8 LINER-LT1431IN8 Datasheet
272Kb / 12P
   Programmable Reference
More results

Similar Description - LT1431IN8-PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1431 MICROSEMI-LX1431 Datasheet
163Kb / 7P
   PROGRAMMABLE REFERENCE
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
   Programmable Reference
logo
Texas Instruments
TL431 TI-TL431_10 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com