Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175CT Datasheet(PDF) 2 Page - Linear Technology

Part # LT1175CT
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CT Datasheet(HTML) 2 Page - Linear Technology

  LT1175CT Datasheet HTML 1Page - Linear Technology LT1175CT Datasheet HTML 2Page - Linear Technology LT1175CT Datasheet HTML 3Page - Linear Technology LT1175CT Datasheet HTML 4Page - Linear Technology LT1175CT Datasheet HTML 5Page - Linear Technology LT1175CT Datasheet HTML 6Page - Linear Technology LT1175CT Datasheet HTML 7Page - Linear Technology LT1175CT Datasheet HTML 8Page - Linear Technology LT1175CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1175

1175fe
absoluTe MaxiMuM raTings
Input Voltage (Transient 1 sec, Note 11) ...................25V
Input Voltage (Continuous) .......................................20V
Input-to-Output Differential Voltage (Note 12)..........20V
5V SENSE Pin (with Respect to GND Pin)......... 2V, –10V
ADJ SENSE Pin
(with Respect to OUTPUT Pin)...................20V, –0.5V
5V SENSE Pin
(with Respect to OUTPUT Pin)......................20V, –7V
Output Reverse Voltage ..............................................2V
SHDN Pin to GND Pin Voltage (Note 2)........13.5V, –20V
pin conFiguraTion
SHDN Pin to VIN Pin Voltage.............................30V, –5V
Operating Junction Temperature Range
LT1175C................................................. 0°C to 125°C
LT1175I .............................................. –40°C to 125°C
Ambient Operating Temperature Range
LT1175C................................................... 0°C to 70°C
LT1175I ................................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
1
2
3
4
8
7
6
5
TOP VIEW
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
N8 PACKAGE
8-LEAD PDIP
θJA = 80°C/W TO 120°C/W
DEPENDING ON PC BOARD LAYOUT
SHDN
GND
VIN
SENSE
OUTPUT
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
VIN
5
4
3
2
1
θJA = 27°C/W TO 60°C/W
DEPENDING ON PC MOUNTING.
SEE DATA SHEET FOR DETAILS
3
2
1
FRONT VIEW
TAB IS
VIN
GND
VIN
OUTPUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
θJA = 50°C/W
WITH BACKPLANE AND 10cm2
TOPSIDE LAND SOLDERED TO TAB
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VIN
ILIM2
OUTPUT
SENSE
VIN
ILIM4
SHDN
GND
θJA = 60°C/W TO 100°C/W
DEPENDING ON PC BOARD LAYOUT
PINS 1, 8 ARE INTERNALLY CONNECTED TO DIE ATTACH PADDLE FOR HEAT SINKING.
ELECTRICAL CONTACT CAN BE MADE TO EITHER PIN. FOR BEST THERMAL RESISTANCE,
PINS 1, 8 SHOULD BE CONNECTED TO AN EXPANDED LAND THAT IS OVER AN INTERNAL
OR BACKSIDE PLANE.
SEE APPLICATIONS INFORMATION
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
5
4
3
2
1
SHDN
GND
VIN
SENSE
OUTPUT
TAB IS
VIN
θJA = 50°C/W, θJC = 5°C/W
(Note 1)


Similar Part No. - LT1175CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CT LINER-LT1175CT Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT LINER-LT1175CT Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5 LINER-LT1175CT-5 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5 LINER-LT1175CT-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com