Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1369 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1369
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1369 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1369 Datasheet HTML 4Page - Linear Technology LT1369 Datasheet HTML 5Page - Linear Technology LT1369 Datasheet HTML 6Page - Linear Technology LT1369 Datasheet HTML 7Page - Linear Technology LT1369 Datasheet HTML 8Page - Linear Technology LT1369 Datasheet HTML 9Page - Linear Technology LT1369 Datasheet HTML 10Page - Linear Technology LT1369 Datasheet HTML 11Page - Linear Technology LT1369 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
Typical perForMance characTerisTics
Supply Current vs Temperature
Supply Current vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
PNP Stage VOS Distribution
(LT1366/LT1368)
NPN Stage VOS Distribution
(LT1366/LT1368)
∆VOS-Shift Between PNP and NPN
Stages (LT1366/LT1368)
(The data presented here applies to the LT1366/LT1367/LT1368/LT1369 unless otherwise noted.)
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC03
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC02
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (µV)
–350
20
25
30
–150
50
LT1366 TPC01
15
10
–250
–50
150
350
250
5
0
N-PACKAGE
VS = 5V, 0V
VCM = 0V TO 5V
TEMPERATURE (°C)
–50
300
400
500
70
LT1366 TPC04
200
100
0
–20
–35
–5
25
55
85
10
40
100
VS = ±15V
VS = 5V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
8
16 20
36
LT1366 TPC05
4
12
24 28 32
TA = –55°C
TA = 125°C
TA = 25°C
COMMON MODE VOLTAGE (V)
10
20
LT1366 TPC06
0
–10
–20
0
2
4
5
15
–5
–15
5
6
–1
–2
1
3
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TEMPERATURE (°C)
–50
10
30
50
40
20
0
–20
–40
70
LT1366 TPC07
–10
–30
–50
–20
–35
–5
25
55
85
10
40
100
VS = 5V, 0V, VCM = 5V
VS = 5V, 0V, VCM = 0V
VS = ±15V, VCM = 15V
VS = ±15V, VCM = –15V
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC08
10
1
TA = 85°C
TA = –55°C
TA = 25°C
LOAD CURRENT (mA)
0.001
100
1000
0.01
0.1
1
10
LT1366 TPC09
10
1
TA = 85°C
TA = –55°C
TA = 25°C


Similar Part No. - LT1369

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1369 LINER-LT1369 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1369 LINEAR-LT1369 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1369CS LINER-LT1369CS Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1369

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com