Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A8018 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7A8018
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8018 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A8018 Datasheet HTML 5Page - Texas Instruments TPS7A8018 Datasheet HTML 6Page - Texas Instruments TPS7A8018 Datasheet HTML 7Page - Texas Instruments TPS7A8018 Datasheet HTML 8Page - Texas Instruments TPS7A8018 Datasheet HTML 9Page - Texas Instruments TPS7A8018 Datasheet HTML 10Page - Texas Instruments TPS7A8018 Datasheet HTML 11Page - Texas Instruments TPS7A8018 Datasheet HTML 12Page - Texas Instruments TPS7A8018 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
300
250
200
150
100
50
0
2.2
2.6
3
3.4
3.8
4.2
4.6
5
5.4
5.8
6.2
V
(V)
IN
6.6
V
=0.8V
OUT
OUT
I
=750mA
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
300
250
200
150
100
50
0
0
100
200
300
400
500
700
600
800
900
I
(mA)
OUT
1000
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
1800
1600
1400
1200
1000
800
600
400
200
0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=2.2V
IN
V
=3.8V
IN
V
=5.5V
IN
V
=6.5V
IN
V
OUT =V
-
IN
0.5V
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
V
=0.4V
EN
V
=2.2V
IN
V
=2.5V
IN
V
=3V
IN
V
=3.3V
IN
V
=5V
IN
V
=5.5V
IN
V
=6V
IN
V
=6.6V
IN
TPS7A80xx
www.ti.com
SBVS135A – JUNE 2010 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS: TPS7A8001 (continued)
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1mF, COUT = 4.7mF, and
CNR = 0.01mF, all temperature values refer to TJ, unless otherwise noted.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs LOAD CURRENT
Figure 12.
Figure 13.
SHUTDOWN CURRENT vs TEMPERATURE
CURRENT LIMIT vs TEMPERATURE
Figure 14.
Figure 15.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS7A8018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8018DRBR TI1-TPS7A8018DRBR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8018DRBT TI1-TPS7A8018DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Similar Description - TPS7A8018

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com