Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1175
Description  500mA Negative Low Dropout Micropower Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175 Datasheet(HTML) 5 Page - Linear Technology

  LT1175 Datasheet HTML 1Page - Linear Technology LT1175 Datasheet HTML 2Page - Linear Technology LT1175 Datasheet HTML 3Page - Linear Technology LT1175 Datasheet HTML 4Page - Linear Technology LT1175 Datasheet HTML 5Page - Linear Technology LT1175 Datasheet HTML 6Page - Linear Technology LT1175 Datasheet HTML 7Page - Linear Technology LT1175 Datasheet HTML 8Page - Linear Technology LT1175 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1175

1175fe
Typical perForMance characTerisTics
Typical Current Limit
Characteristics
Guaranteed Current Limit
Output Voltage Temperature Drift
Minimum Input-to-Output Voltage
Minimum Input-to-Output Voltage
SENSE Bias Current
(Adjustable Part)
elecTrical characTerisTics
Note 8: Thermal regulation is a change in the output voltage caused by
die temperature gradients, so it is proportional to chip power dissipation.
Temperature gradients reach final value in less than 100ms. Output voltage
changes after 100ms are due to absolute die temperature changes and
reference voltage temperature coefficient.
Note 9: The lower limit of 0.8V is guaranteed to keep the regulator in
shutdown. The upper limit of 2.5V is guaranteed to keep the regulator
active. Either polarity may be used, referenced to GND pin.
Note 10: Load and line regulation are measured on a pulse basis with
pulse width of 20ms or less to keep chip temperature constant. DC
regulation will be affected by thermal regulation (Note 8) and chip
temperature changes. Load regulation specification also holds for currents
up to the specified current limit when ILIM2 or ILIM4 are left open.
Note 11: Current limit is reduced for input-to-output voltage above 12V.
See the graph in Typical Performance Characteristics for guaranteed limits
above 12V.
Note 12: Operating at very large input-to-output differential voltages
(>15V) with load currents less than 5mA requires an output capacitor with
an ESR greater than 1Ω to prevent low level output oscillations.
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
1.0
0.8
0.6
0.4
0.2
0
20
1175 G01
5
10
15
25
ILIM2, ILIM4 TIED TO VIN
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
CURRENT LIMIT CHANGES ONLY SLIGHTLY
WITH TEMPERATURE SO CURVES ARE
REPRESENTATIVE OF ALL TEMPERATURES
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
5
10
15
20
1175 G02
25
CURVES REPRE-
SENT MINIMUM
GUARANTEED
LIMITS AT ALL
TEMPERATURES
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
ILIM2, ILIM4 TIED TO VIN
JUNCTION TEMPERATURE (°C)
–50
5.05
5.00
4.95
3.84
3.80
3.76
0
50
75
1175 G03
–25
25
100 125
OUTPUT
FIXED 5V PART
FEEDBACK VOLTAGE
ADJUSTABLE PART
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G04
0.1
0.3
0.6
0.7
TJ = 25°C
VIN REDUCED
UNTIL OUTPUT
VOLTAGE
DROPS 1%
ILIM2, ILIM4
OPEN
ILIM2, ILIM4
TIED TO VIN
ILIM4 TIED
TO VIN
ILIM2 TIED
TO VIN
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G05
0.1
0.3
0.6
0.7
VIN REDUCED UNTIL OUTPUT
VOLTAGE DROPS 1%.
ILIM2, ILIM4 TIED TO VIN
TJ = 125°C
TJ = –55°C
TJ = 25°C
TEMPERATURE (°C)
–50
100
80
60
40
20
0
0
50
75
1175 G06
–25
25
100 125


Similar Part No. - LT1175

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT1175 LINER-LT1175 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT1175 LINER-LT1175 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT1175

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com