Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC690 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 5 Page - Linear Technology

  LTC690 Datasheet HTML 1Page - Linear Technology LTC690 Datasheet HTML 2Page - Linear Technology LTC690 Datasheet HTML 3Page - Linear Technology LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
5
690fe
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: For military temperature range parts or for the LTC692 and
LTC693, consult the factory.
Note 4: The output pins of BATT ON, LOW⎯LINE, PFO, WDO, RESET and
RESET have weak internal pull-ups of typically 3μA. However, external pull-
up resistors may be used when higher speed is required.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET, RESET, WDO, LOW⎯LINE
Output Short-Circuit Current (Note 4)
Output Source Current
1
3
25
μA
Output Sink Current
25
mA
WDI Input Threshold
Logic Low
Logic high
3.5
0.8
V
WDI Input Current
WDI = VOUT
WDI = 0V
l
l
–50
4
–8
50
μA
Power-Fail Detector
PFI Input Threshold
VCC = 5V
l
1.25
1.3
1.35
V
PFI Input Threshold PSRR
0.3
mV/V
PFI Input Current
±0.01
±25
nA
PFO Output Voltage (Note 4)
ISINK = 3.2mA
ISOURCE = 1μA
3.5
0.4
V
PFO Short-Circuit Source Current (Note 4)
PFI = HIGH, PFO = 0V
1
3
25
μA
PFI = LOW, PFO = VOUT
25
mA
PFI Comparator Response Time (Falling)
ΔVIN = –20mV, VOD = 15mV
2
μs
PFI Comparator Response Time (Rising) (Note 4)
ΔVIN = 20mV, VOD = 15mV
with 10kΩ Pull-Up
40
8
μs
Chip Enable Gating
CE IN Threshold
VIL
VIH
2
0.8
V
CE IN Pull-Up Current (Note 7)
3μA
CE OUT Output Voltage
ISINK = 3.2mA
ISOURCE = 3.0mA
ISOURCE = 1μA, VCC = 0V
VOUT – 1.50
VOUT – 0.05
0.4
V
CE Propagation Delay
VCC = 5V, CL = 20pF
l
20
20
35
45
ns
CE OUT Output Short-Circuit Current
Output Source Current
Output Sink Current
30
35
mA
Oscillator
OSC IN Input Current (Note 7)
±2
μA
OSC SEL Input Pull-Up Current (Note 7)
5μA
OSC IN Frequency Range
OSC SEL = 0V
l
0
250
kHz
OSC IN Frequency with External Capacitor
OSC SEL = 0V, COSC = 47pF
4
kHz
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VCC = full operating range, VBATT = 2.8V, unless otherwise noted.
Note 5: The LTC690 and LTC691 have minimum reset active time of 35ms
(50ms typically) while the LTC694 and LTC695 have longer minimum
reset active time of 140ms (200ms typically). The reset active time of
the LTC691 and LTC695 can be adjusted (see Table 2 in Applications
Information section).
Note 6: The external clock feeding into the circuit passes through the
oscillator before clocking the watchdog timer (See Block Diagram).
Variation in the timeout period is caused by phase errors which occur
when the oscillator divides the external clock by 64. The resulting variation
in the timeout period is 64 clocks plus one clock of jitter.
Note 7: The input pins of CE IN, OSC IN and OSC SEL have weak internal
pullups which pull to the supply when the input pins are floating.


Similar Part No. - LTC690

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
LTC690 LINER-LTC690 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC690 LINER-LTC690 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
More results

Similar Description - LTC690

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com