Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD7S019-15RSVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD7S019-15RSVR
Description  7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD7S019-15RSVR Datasheet(HTML) 2 Page - Texas Instruments

  TPD7S019-15RSVR Datasheet HTML 1Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 2Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 3Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 4Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 5Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 6Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 7Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 8Page - Texas Instruments TPD7S019-15RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPD7S019
SLLSE33 – MAY 2010
www.ti.com
TERMINATION AT
PITCH
LENGTH (TYP)
WIDTH (TYP)
HEIGHT (MAX)
ORDERABLE PART NO.
SYNC
15-
Ω
TPD7S019-15DBQR
55-
Ω
0.635 mm
4.9 mm
6.0 mm
1.75 mm
TPD7S019-55DBQR
65-
Ω
TPD7S019-65DBQR
15-
Ω
0.4 mm
2.6 mm
1.8 mm
0.55 mm
TPD7S019-15RSVR
DESCRIPTION/ORDERING INFORMATION
The TPD7S019 is an integrated 7-channel ESD solution for the VGA or DVI-I port connector. This device
integrates ESD protection for all signals, level shifting for the DDC signals and buffering for the SYNC signals.
Three individual supply lines control the power rails of the VIDEO, DDC and SYNC channels to facilitate
interfacing with low voltage video controller ICs in mixed supply-voltage environments.
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC
(SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing
between Ground and VCC_SYNC, which is typically 5 V. Additionally, each driver has a series termination
resistor (RT) connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for
the HSYNC and VSYNC lines of the video cable. At the SYNC output the TPD7S019 offers 65-
Ω, 55-Ω, or 15-Ω
series termination resistor option to match different transmisison line impedances.
Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a
lower supply voltage than the monitor. The gate terminals for the MOSFETs (VCC_DDC) should be connected to
the supply rail (typically 3.3 V) that supplies power to the transceivers of the DDC controller.
The TPD7S019 confirms the IEC61000-4-2 (Level 4) system level ESD protection and ±15KV HBM ESD
protection. This device is offered in space-saving 16-pin DBQ and 16-pin RSV packages.
The TPD7S019 is characterized for operation over ambient air temperature of –40°C to 85°C.
CIRCUIT DIAGRAM
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD7S019


Similar Part No. - TPD7S019-15RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
More results

Similar Description - TPD7S019-15RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_15 Datasheet
1Mb / 21P
[Old version datasheet]   7-Channel Integrated ESD Solution for VGA Port
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com