Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200PFC Datasheet(PDF) 5 Page - Texas Instruments

Part # DLPA200PFC
Description  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA200PFC Datasheet(HTML) 5 Page - Texas Instruments

  DLPA200PFC Datasheet HTML 1Page - Texas Instruments DLPA200PFC Datasheet HTML 2Page - Texas Instruments DLPA200PFC Datasheet HTML 3Page - Texas Instruments DLPA200PFC Datasheet HTML 4Page - Texas Instruments DLPA200PFC Datasheet HTML 5Page - Texas Instruments DLPA200PFC Datasheet HTML 6Page - Texas Instruments DLPA200PFC Datasheet HTML 7Page - Texas Instruments DLPA200PFC Datasheet HTML 8Page - Texas Instruments DLPA200PFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DLPA200
www.ti.com
DLPS015A – APRIL 2010 – REVISED JUNE 2010
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted). Stresses beyond those listed under " Absolute Maximum
Ratings” may cause permanent damage to the device. The Absolute Maximum Ratings are stress ratings only, and functional
performance of the device at these or any other conditions beyond those indicated under “ Recommended Operating
Conditions” is not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability.
CONDITIONS
MIN
TYP
MAX
UNIT
P12V
Load supply voltage
14
V
VRESET_S
VRESET_SWL
Measured with respect to VRESET_RAIL
–1
V
VBIAS_R
VBIAS_RAIL
Measured with respect to VRESET_RAIL
60
V
VOFFSET_R
VOFFSET_RAIL
Measured with respect to VRESET_RAIL
40.5
V
VIN
Logic inputs
–0.3
7
V
VOUT
Open drain logic outputs
7
V
TJ
Maximum junction
125
°C
temperature
TA
Operating temperature
0
75
°C
range
TSTORE
Storage temperature
–55
150
°C
range
Rc-j
Thermal resistance
VBIAS = 26 V, VRESET = -26 V, VOFFSET = 10 V,
Output load = 390 pF and 39R on each output,
Phase by one with global mode,
3
°C/W
Channel repetition frequency = 50 kHz,
Additional external loads: IBIAS = 5 mA, IOFFSET = 30
mA, I5REG = 30 mA
ESD
Human Body Model
2
kV
Charge Device Model
800
V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DLPA200


Similar Part No. - DLPA200PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200PFC TI-DLPA200PFC Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200PFCT TI-DLPA200PFCT Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
More results

Similar Description - DLPA200PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com