Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-796460-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-796460-9
Description  BOARD MT, SCREWLESS 5.0mm TOP WIRE ENTRY TERMINAL BLOCK (LT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-796460-9 Datasheet(HTML) 2 Page - Tyco Electronics

  1-796460-9 Datasheet HTML 1Page - Tyco Electronics 1-796460-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-796460-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-796461-0 MACOM-1-796461-0 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
1-796461-1 MACOM-1-796461-1 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
1-796461-2 MACOM-1-796461-2 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
1-796462-0 MACOM-1-796462-0 Datasheet
60Kb / 2P
   BOARD MT. SCREWLESS 5.0mm SIDE WIRE ENTRY TERMINAL BLOCK 5.0mm PITCH (LT)
1-796462-1 MACOM-1-796462-1 Datasheet
60Kb / 2P
   BOARD MT. SCREWLESS 5.0mm SIDE WIRE ENTRY TERMINAL BLOCK 5.0mm PITCH (LT)
More results

Similar Description - 1-796460-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796461 MACOM-C-796461 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS TOP WIRE ENTRY TERMINAL BLOCK (LT)
C-796462 MACOM-C-796462 Datasheet
60Kb / 2P
   BOARD MT. SCREWLESS 5.0mm SIDE WIRE ENTRY TERMINAL BLOCK 5.0mm PITCH (LT)
C-796463 MACOM-C-796463 Datasheet
66Kb / 2P
   BOARD MT. SCREWLESS 5.08mm SIDE WIRE ENTRY TERMINAL BLOCK (LT)
1776259-2 MACOM-1776259-2 Datasheet
149Kb / 2P
   TERMINAL BLOCK, BOARD MT.SCREWLESS, TOP WIRE ENTRY, 5.0mm PITCH, HIGH TEMP
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
logo
EXCEL CELL ELECTRONIC C...
ETB63 ECE-ETB63 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB69 ECE-ETB69 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB68 ECE-ETB68 Datasheet
154Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBM3 ECE-ETBM3 Datasheet
110Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBV50 ECE-ETBV50 Datasheet
308Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com