Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-796410-8 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-796410-8
Description  TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-796410-8 Datasheet(HTML) 2 Page - Tyco Electronics

  1-796410-8 Datasheet HTML 1Page - Tyco Electronics 1-796410-8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-796410-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-796414-0 MACOM-1-796414-0 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
1-796414-1 MACOM-1-796414-1 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
1-796414-2 MACOM-1-796414-2 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
1-796414-3 MACOM-1-796414-3 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
1-796414-4 MACOM-1-796414-4 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
More results

Similar Description - 1-796410-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796712 MACOM-C-796712 Datasheet
60Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE w/3.5mm PINS W/INTERLOCK, 5.00mm PITCH (LT)
1776493 MACOM-1776493 Datasheet
66Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/ INTERLOCK
C-796734 MACOM-C-796734 Datasheet
69Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE w/3.5mm PINS W/INTERLOCK, 5.00mm PITCH (LT)
1776491 MACOM-1776491 Datasheet
166Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY W/ INTERLOCK
C-796414 MACOM-C-796414 Datasheet
137Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
C-282857 MACOM-C-282857 Datasheet
84Kb / 2P
   TERMINAL BLOCK, PCB MOUNT, SIDE WIRE ENTRY, STACKING W/INTERLOCK, 5.08mm
C-284391 MACOM-C-284391 Datasheet
120Kb / 1P
   TERMINAL BLOCK PCB, MOUNT STRAIGHT SIDE WIRE ENTRY, STACKING W/INTERLOCK, 3.5mm, PITCH
C-284392 MACOM-C-284392 Datasheet
48Kb / 1P
   TERMINAL BLOCK, PCB MOUNT STRAIGHT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 3.81mm, PITCH
1776555 MACOM-1776555 Datasheet
180Kb / 2P
   TERMINAL BLOCK PCB MOUNT, TOP WIRE ENTRY, LOW PROFILE, W/ INTERLOCK
C-282856 MACOM-C-282856 Datasheet
184Kb / 2P
   TERMINAL BLOCK, PCB MOUNT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com