Part Name
         Description
INT202TFI1

 Low-side Drive and High-side Control for Simultaneous Conduction ( 12 Page)


POWERINT
100% 
Zoom Out Zoom In
 
 5 page
background image
F
2/96
INT202
5
V
IH = 4.0 V
V
IL = 1.0 V
1 Suffix
2 Suffix
V
HSD1, VHSD2 = 500 V
V
HSD1, VHSD2 = 10 V
V
HSD1, VHSD2 = 25 V
5
0
10
150
-20
0
20
4.0
1.0
0.3
0.7
600
700
800
900
0.1
15
525
156
10
I
IH, IIL
V
IH
V
IL
V
HY
BV
DSS
I
HSD(OFF)
I
HSD(ON)
t
HSD(ON)
C
OSS
µA
V
V
V
V
µA
mA
ns
pF
Input Current,
High or Low
Input Voltage
High
Input Voltage
Low
Input Voltage
Hysteresis
Breakdown
Voltage
Off-State
Output Current
On-State
Output Current
On-State
Pulse Width
Output
Capacitance
LOGIC
HSD OUTPUTS
HSD1/HSD2 Voltage (1 Suffix) ................................. 600 V
(2 Suffix) ................................. 800 V
HSD1/HSD2 Slew Rate ........................................... 10 V/ns
V
DD Voltage ................................................................ 16.5 V
Logic Input Voltage ..................................... -0.3 V to 5.5 V
LS OUT Voltage ................................ -0.3 V to V
DD + 0.3 V
Storage Temperature ....................................... –65 to 125
°C
Ambient Temperature ........................................ -40 to 85
°C
Junction Temperature ................................................. 150
°C
Lead Temperature(2). ................................................... 260
°C
ABSOLUTE MAXIMUM RATINGS1
Power Dissipation
PF Suffix (T
A = 25°C) ......................................... 1.25 W
(T
A = 70°C) ....................................... 800 mW
TF Suffix (T
A = 25°C) ......................................... 1.04 W
(T
A = 70°C) ....................................... 667 mW
Thermal Impedance (
θ
JA)
PF Suffix ........................................................... 100
°C/W
TF Suffix ........................................................... 120
°C/W
1. Unless noted, all voltages referenced to COM, T
A = 25°C
2. 1/16" from case for 5 seconds.
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DD= 15 V, COM = 0V
T
A = -40 to 85°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
INT200Low-side Drive and High-side Control with Simultaneous Conduction Lockout 1 2 3 4 5 MorePower Integrations, Inc.
INT100Low-Side and High-side Drive with Simultaneous Conduction Lockout 1 2 3 4 5 MorePower Integrations, Inc.
TPD1030F2-IN-1 Low-Side Switch for Motor Solenoid and Lamp Drive 1 2 3 4 5 Toshiba Semiconductor
IM13400Cyntec IPM is integrated drive protection and system control functions that is designed for high performance 3-phase motor driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC33888Quad High-Side and Octal Low-Side Switch for Automotive 1 2 3 4 5 MoreMotorola, Inc
TPD1037BSLOW-SIDE SWITCH FOR MOTOR SOLENOID AND LAMP DRIVE 1 2 3 4 5 MoreToshiba Semiconductor
IRADK103-phase 115-230V 0.5HP Variable speed Motor Drive control for Appliances and light Industrial Applications. 1 2 3 4 5 MoreInternational Rectifier
L9823Octal Low-Side Driver for bulb resistive and inductive loads with serial input control output protection and diagnostic 1 2 3 4 5 MoreSTMicroelectronics
TPD1028ASLow-side switch for motor solenoid and lamp drive 1 2 3 4 5 MoreToshiba Semiconductor
L9825Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control Output Protection and Diagnostic 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl