Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2573DSPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2573DSPBF
Description  HID BALLAST CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2573DSPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2573DSPBF Datasheet HTML 4Page - International Rectifier IRS2573DSPBF Datasheet HTML 5Page - International Rectifier IRS2573DSPBF Datasheet HTML 6Page - International Rectifier IRS2573DSPBF Datasheet HTML 7Page - International Rectifier IRS2573DSPBF Datasheet HTML 8Page - International Rectifier IRS2573DSPBF Datasheet HTML 9Page - International Rectifier IRS2573DSPBF Datasheet HTML 10Page - International Rectifier IRS2573DSPBF Datasheet HTML 11Page - International Rectifier IRS2573DSPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
IRS2573D
www.irf.com
© 2009 International Rectifier
8
Electrical Characteristics
VCC = VB1S1 = VB2S2 = VBBSB = VBIAS = 14V +/- 0.25V, CLO1 = CLO2 = CIGN = CHO1 = CHO2 = BUCK =
1000pF, RIREF = 20kOhm, ROC = 10kOhm, ROV = 50kOhm, VRST = COM, CS = VSB, CT = TIGN = TCLK =
VSENSE = ISENSE = PCOMP = ICOMP = ZX = TOFF = COM, TA = 25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Buck Control Characteristics
IPCOMP
SOURCE
OTA1 Error Amplifier Output Current
Sourcing
28
40
52
VPCOMP=7V
VVSENSE = VISENSE =
VVSENSE PCOMP=0uA – 0.3V
IPCOMP
SINK
OTA1 Error Amplifier Output Current Sinking
28
40
52
VPCOMP=7V
VVSENSE = VISENSE =
VVSENSEPCOMP=0uA + 0.3V
IICOMP
SOURCE
OTA2 Error Amplifier Output Current
Sourcing
28
40
52
VICOMP=7V
VISENSE =
VISENSEICOMP=0uA – 0.5V
IICOMP
SINK
OTA2 Error Amplifier Output Current Sinking
28
40
52
uA
VICOMP=7V
VISENSE =
VISENSEICOMP=0uA + 0.5V
VCOMPOH
OTA1,2 Error Amplifier Output Voltage
Swing (high state)
---
12.5
---
V
IPCOMP =
IPCOMP_SOURCE – 10uA,
or IICOMP =
IICOMP_SOURCE – 10uA
KMULT
Internal Multiplier Gain
KMULT = VIREF/ ( 2x VVSENSE x VISENSE )
---
2.0
---
VVSENSE =
VVSENSE(PCOMP = 0uA),
VISENSE = 500mV
PSENSE
VVSENSE x VISENSE
0.465
0.50
0.535
VVSENSE = 1V
VISENSE = 500mV
VPCOMPTH
PCOMP pin buck on/off threshold voltage
---
0.2
---
VICOMP = 2V
VICOMPTH-
ICOMP pin buck off threshold voltage
---
0.2
---
VPCOMP = 2V
VICOMPTH+
ICOMP pin buck on threshold voltage
---
0.5
---
VPCOMP = 2V
VZX
ZX pin Comparator Threshold Voltage
---
2.0
---
V
VPCOMP = VICOMP = 7V
VZXhys
ZX pin Comparator Hysteresis
---
400
---
mV
VPCOMP = VICOMP = 7V
VZXclamp
ZX pin Clamp Voltage (high state)
---
6.5
---
V
IZX = 5mA
ITOFF
TOFF pin Output Current
91
110
129
uA
VBUCK = VSB
VTOFF
TOFF pin Comparator Threshold Voltage
1.93
2.05
2.17
V
VPCOMP = VICOMP = 7V
CTOFF = 1nF
Full-Bridge Oscillator Characteristics
fOSC
Full-Bridge oscillator frequency
160
200
240
Hz
d
Oscillator duty cycle
49
50
51
%
tdLO1,2
LO1, LO2 output deadtime
0.8
1.2
1.5
tdHO1,2
HO1, HO2 output deadtime
0.8
1.2
1.5
us
CCT = 47nF
VCT+
CT pin upper threshold voltage
---
4.0
---
VCT-
CT pin lower threshold voltage
---
2.0
---
V
ICT
SOURCE
CT pin sourcing current
---
80
---
VCT = 1.5V
ICT
SINK
CT pin sinking current
---
80
---
uA
VCT = 4.5V
Ignition Timer Characteristics
TIGNON
IGN pin on-time
18
21
24
TIGNOFF
IGN pin off-time
57
64
71
sec
CTIGN = 1uF
MODE = IGN
VTIGN+
TIGN pin upper threshold voltage
---
4.0
---
VTIGN-
TIGN pin lower threshold voltage
---
2.0
---
V
ITIGN
SOURCE
TIGN pin sourcing current
---
6
---
VTIGN = 1.5V
ITIGN
SINK
TIGN pin sinking current
---
6
---
uA
VTIGN = 4.5V


Similar Part No. - IRS2573DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
More results

Similar Description - IRS2573DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com